Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4358 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4358
Description  5A Ideal Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4358 Datasheet(HTML) 4 Page - Linear Technology

  LTC4358 Datasheet HTML 1Page - Linear Technology LTC4358 Datasheet HTML 2Page - Linear Technology LTC4358 Datasheet HTML 3Page - Linear Technology LTC4358 Datasheet HTML 4Page - Linear Technology LTC4358 Datasheet HTML 5Page - Linear Technology LTC4358 Datasheet HTML 6Page - Linear Technology LTC4358 Datasheet HTML 7Page - Linear Technology LTC4358 Datasheet HTML 8Page - Linear Technology LTC4358 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC4358
4
4358fa
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT (V)
0
80
100
4358 G03
60
40
20
0
10
20
30
VIN = VOUT = VDD
TEMPERATURE (˚C)
-50
20
25
30
4358 G04
15
10
5
0
-25
0
25
75
50
125
100
VOUT = VDD = 9V
IIN = 5A
VOUT = VDD = 26.5V
0
300
400
4358 G05
200
100
0
0.2
0.6
0.8
0.4
1
VIN = 12V
VSD = VINITIAL
-1V
VINITIAL (V)
VFINAL (V)
0
1500
2000
4358 G06
1000
500
0
-0.2
-0.6
-0.8
-0.4
-1
VIN = 12V
VSD = 55mV
VFINAL
VDD Current (IDD vs VDD)
IN Current (IIN vs VIN)
OUT Current (IOUT vs VOUT)
MOSFET RDS(ON) vs Temperature
FET Turn-Off Time
vs Initial Overdrive
FET Turn-Off Time
vs Final Overdrive
VDD (V)
0
300
400
4358 G01
200
100
0
10
20
30
500
VIN = VOUT = VDD
VIN (V)
0
300
400
4358 G02
200
100
0
10
20
30
VIN = VOUT = VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com