Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4358 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4358
Description  5A Ideal Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4358 Datasheet(HTML) 2 Page - Linear Technology

  LTC4358 Datasheet HTML 1Page - Linear Technology LTC4358 Datasheet HTML 2Page - Linear Technology LTC4358 Datasheet HTML 3Page - Linear Technology LTC4358 Datasheet HTML 4Page - Linear Technology LTC4358 Datasheet HTML 5Page - Linear Technology LTC4358 Datasheet HTML 6Page - Linear Technology LTC4358 Datasheet HTML 7Page - Linear Technology LTC4358 Datasheet HTML 8Page - Linear Technology LTC4358 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC4358
2
4358fa
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
IN, OUT, VDD, DRAIN Voltage................. –0.3V to 28V
Output Voltage
GATE (Note 3).......................... VIN – 0.2V to VIN + 6V
Operating Ambient Temperature Range
LTC4358C ................................................ 0°C to 70°C
LTC4358I.............................................. –40°C to 85°C
(Notes 1, 2)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
IN
IN
IN
IN
NC
OUT
VDD
IN
IN
IN
IN
GATE
NC
GND
TOP VIEW
15
DRAIN
DE PACKAGE
14-LEAD (4mm
3mm) PLASTIC DFN
TJMAX = 125°C, θJC = 4°C/W, θJA = 43°C/W
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
IN
IN
IN
IN
NC
GATE
NC
GND
IN
IN
IN
IN
IN
NC
OUT
VDD
17
DRAIN
TJMAX = 125°C, θJC = 10°C/W, θJA = 38°C/W
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
FE Package ....................................................... 300°C
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4358CDE#PBF
LTC4358CDE#TRPBF
4358
14-Lead (4mm × 3mm) Plastic DFN
0°C to 70°C
LTC4358IDE#PBF
LTC4358IDE#TRPBF
4358
14-Lead (4mm × 3mm) Plastic DFN
–40°C to 85°C
LTC4358CFE#PBF
LTC4358CFE#TRPBF
4358FE
16-Lead Plastic TSSOP
0°C to 70°C
LTC4358IFE#PBF
LTC4358IFE#TRPBF
4358FE
16-Lead Plastic TSSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com