Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4557 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4557
Description  Dual SIM/Smart Card Power Supply and Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4557 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4557 Datasheet HTML 3Page - Linear Technology LTC4557 Datasheet HTML 4Page - Linear Technology LTC4557 Datasheet HTML 5Page - Linear Technology LTC4557 Datasheet HTML 6Page - Linear Technology LTC4557 Datasheet HTML 7Page - Linear Technology LTC4557 Datasheet HTML 8Page - Linear Technology LTC4557 Datasheet HTML 9Page - Linear Technology LTC4557 Datasheet HTML 10Page - Linear Technology LTC4557 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC4557
4557f
OPERATIO
The LTC4557 features two independent smart card chan-
nels. Only one of these channels may operate at a time.
Each channel is able to output two voltage levels: 1.8V
and 3V. The channel selection and voltage selection are
controlled by the ENABLE, M0 and M1 pins as shown in
Table 1.
Table 1. Channel and Voltage Truth Table
ENABLE
M1
M0
SELECTED CARD/VOLTAGE
1
0
0
Card A/1.8V
1
0
1
Card A/3V
1
1
0
Card B/1.8V
1
1
1
Card B/3V
0
X
X
A and B Disabled
Bidirectional Channels
The bidirectional channels are level shifted to the appropri-
ate VCCA,B voltages at the I/OA,B pins. An NMOS pass
transistor performs the level shifting. The gate of the
NMOS transistor is biased such that the transistor is
completely off when both sides have relinquished the
channel. If one side of the channel asserts a LOW, then the
transistor will convey the LOW to the other side. Note that
current passes from the receiving side of the channel to
the transmitting side. The low output voltage of the receiv-
ing side will be dependent upon the voltage at the transmit-
ting side plus the IR drop of the pass transistor.
When a card socket is selected, it becomes a candidate to
drive data on the DATA pin and likewise receive data from
the DATA pin. When a card socket is deselected, the
voltage on its I/OA,B pin will be disabled and set to LOW.
If both cards are deselected, a weak pull-up ensures that
the DATA pin is held HIGH.
Dynamic Pull-up Current Sources
The current sources on the bidirectional pins (DATA/
I/OA,B) are dynamically activated to achieve a fast rise
time with a relatively small static current. Once a bidirec-
tional pin is relinquished, a small start-up current begins
to charge the node. An edge rate detector determines if the
pin is released by comparing its slew rate with an internal
reference value. If a valid transition is detected, a large
pull-up current enhances the edge rate on the node. The
higher slew rate corroborates the decision to charge the
node thereby affecting a dynamic form of hysteresis.
Reset Channels
When a card is selected, the reset channel provides a level
shifted path from the RSTIN pin to the RSTA,B pin. When
a card is deselected its reset pin is pulled LOW.
VREF
4557 F01
ISTART
BIDIRECTIONAL
PIN
LOCAL
SUPPLY
dv
dt
–
+
Figure 1. Dynamic Pull-Up Current Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com