Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4557 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4557
Description  Dual SIM/Smart Card Power Supply and Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4557 Datasheet(HTML) 3 Page - Linear Technology

  LTC4557 Datasheet HTML 1Page - Linear Technology LTC4557 Datasheet HTML 2Page - Linear Technology LTC4557 Datasheet HTML 3Page - Linear Technology LTC4557 Datasheet HTML 4Page - Linear Technology LTC4557 Datasheet HTML 5Page - Linear Technology LTC4557 Datasheet HTML 6Page - Linear Technology LTC4557 Datasheet HTML 7Page - Linear Technology LTC4557 Datasheet HTML 8Page - Linear Technology LTC4557 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC4557
4557f
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBATT = 3.3V, DVCC = 1.8V, unless otherwise specified.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
I/OA, I/OB
VOL
Low Level Output Voltage
Sink Current = –1mA (VDATA = 0V) (Note 2)
q
0.3
V
VOH
High Level Output Voltage
Source Current = 20
µA (VDATA = VDVCC)
q
0.85 •
V
(Note 2)
VCCA,B
Rise Time
Loaded with 33pF (10% to 90%) (Note 2)
q
200
500
ns
Short-Circuit Current
VDATA = 0V (Note 2)
q
510
mA
DATA
VOL
Low Level Output Voltage
Sink Current = –500
µA (VI/OA,B = 0V)
q
0.3
V
VOH
High Level Output Voltage
Source Current = 20
µA (VI/OA,B = VCCA,B)
q
0.8 •
V
DVCC
Rise Time
Loaded with 33pF (10% to 90%)
q
200
500
ns
RSTIN, CLKIN, ENABLE, M0, M1
VIL
Low Input Threshold
q
0.15 •
V
DVCC
VIH
High Input Threshold
q
0.85 •
V
DVCC
Input Current (IIH, IIL)
q
–1
1
µA
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: This specification applies to both 1.8V and 3V smart cards.
Note 3: The LTC4557E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 4: Based on long term current density limitations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com