Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4557 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4557
Description  Dual SIM/Smart Card Power Supply and Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4557 Datasheet(HTML) 5 Page - Linear Technology

  LTC4557 Datasheet HTML 1Page - Linear Technology LTC4557 Datasheet HTML 2Page - Linear Technology LTC4557 Datasheet HTML 3Page - Linear Technology LTC4557 Datasheet HTML 4Page - Linear Technology LTC4557 Datasheet HTML 5Page - Linear Technology LTC4557 Datasheet HTML 6Page - Linear Technology LTC4557 Datasheet HTML 7Page - Linear Technology LTC4557 Datasheet HTML 8Page - Linear Technology LTC4557 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC4557
4557f
DATA (Pin 8): Input/Output. Microcontroller side data I/O
pin. The DATA pin provides the bidirectional communica-
tion path to both cards. Only one of the cards may be
selected to communicate via the DATA pin. The pin pos-
sesses a dynamically activated pull-up current source,
allowing the controller to use an open-drain output. The
current source maintains a HIGH state. This pin is held
HIGH by a weak pull-up when the ENABLE pin is LOW.
RSTIN (Pin 9): Input. The RSTIN pin supplies the reset
signal to the cards. It is level shifted and transmitted
directly to the RST pin of the selected card.
CLKIN (Pin 10): Input. The CLKIN pin supplies the clock
signal to the cards. It is level shifted and transmitted
directly to the CLK pin of the selected card.
M0/M1 (Pins 12, 11): Inputs. The M0 and M1 pins select
which set of SIM/smart card pins are active and at which
voltage level they operate. The truth table for these pins
follows:
M1
M0
SELECTED CARD/VOLTAGE
0
0
Card A/1.8V
0
1
Card A/3V
1
0
Card B/1.8V
1
1
Card B/3V
ENABLE (Pin 13): Input. The ENABLE pin shuts down the
chip when LOW.
EXPOSED PAD (Pin 17): Chip Ground. This ground pad
must be soldered directly to a PCB ground plane.
PI FU CTIO S
DVCC (Pin 2): Power. Reference voltage for the control
logic.
VBATT (Pin 3): Power. Supply voltage for the analog
sections of the LTC4557.
VCCA/VCCB (Pins 4, 1): Card Socket. The VCCA/VCCB pins
should be connected to the VCC pins of the respective card
sockets. The activation of the VCCA/VCCB pins is controlled
by the M0, M1 and ENABLE inputs. They can be set to 0V,
1.8V or 3V. Only one of the two, either VCCA or VCCB, may
be active at a time.
CLKA/CLKB (Pins 5, 16): Card Socket. The CLKA/CLKB
pins should be connected to the CLK pins of the respective
card sockets. The CLKA/CLKB signals are derived from the
CLKIN pin. They provide a level shifted CLKIN signal to the
selected card. The CLKA/CLKB pins are gated off until
VCCA/VCCB attain their correct values.
RSTA/RSTB (Pins 6, 15): Card Socket. The RSTA/RSTB
pins should be connected to the RST pins of the respective
card sockets. The RSTA/RSTB signals are derived from
the RSTIN pin. When a card is selected, its RST pin follows
RSTIN. The RSTA/RSTB pins are gated off until VCCA/VCCB
attain their correct values.
I/OA, I/OB (Pins 7, 14): Card Socket. The I/OA, I/OB pins
connect to the I/O pins of the respective card sockets.
When a card is selected, its I/O pin transmits/receives data
to/from the DATA pin. The I/OA, I/OB pins are gated off
until VCCA/VCCB attain their correct values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com