Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4557 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4557
Description  Dual SIM/Smart Card Power Supply and Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4557 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4557 Datasheet HTML 4Page - Linear Technology LTC4557 Datasheet HTML 5Page - Linear Technology LTC4557 Datasheet HTML 6Page - Linear Technology LTC4557 Datasheet HTML 7Page - Linear Technology LTC4557 Datasheet HTML 8Page - Linear Technology LTC4557 Datasheet HTML 9Page - Linear Technology LTC4557 Datasheet HTML 10Page - Linear Technology LTC4557 Datasheet HTML 11Page - Linear Technology LTC4557 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC4557
4557f
LT/TP 0204 1K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 2004
PART NUMBER
DESCRIPTION
COMMENTS
LTC1514
50mA, 650kHz, Step-Up/Down Charge Pump with
VIN: 2.7V to 10V, VOUT = 3V/5V, IQ = 60µA, ISD = 10µA, SO-8
Low-Battery Comparator
LTC1515
50mA, 650kHz, Step-Up/Down Charge Pump with
VIN: 2.7V to 10V, VOUT = 3.3V or 5V, IQ = 60µA, ISD < 1µA, SO-8
Power On Reset
LTC1555/LTC1556
SIM Power Supply and Level Translator for 3V/5V SIM Cards
VIN: 2.7V to 10V, VOUT = 3V/5V, Frequency = 650kHz, IQ = 60µA,
ISD < 1µA, SSOP16, SSOP20
LTC1555L
SIM Power Supply and Level Translator for 3V/5V SIM Cards
VIN: 2.6V to 6.6V, VOUT = 3V/5V, Frequency = 1MHz, IQ = 40µA,
ISD < 1µA, SSOP16
LTC1555L-1.8
SIM Power Supply and Level Translator for
VIN: 2.6V to 6.6V, VOUT = 1.8V/3V/5V, Frequency = 1MHz,
1.8V/3V/5V SIM Cards
IQ = 32µA, ISD < 1µA, SSOP16
LTC1755/LTC1756
Smart Card Interface with Serial Control for 3V/5V
VIN: 2.7V to 7V, VOUT = 3V/5V, IQ = 60µA, ISD < 1µA, SSOP16,
Smart Card Applications
SSOP24
LTC1955
Dual Smart Card Interface with Serial Control for 1.8V/3V/5V
VIN: 3V to 6V, VOUT = 1.8V/3V, IQ = 200µA, ISD < 1µA, QFN32
Smart Card Applications
LTC1986
SIM Power Supply for 3V/5V SIM Cards
VIN: 2.6V to 4.4V, VOUT = 3V/5V, Frequency = 900kHz, IQ = 14µA,
ISD < 1µA, ThinSOT
LTC3250-1.5
250mA, 1.5MHz, High Efficiency Step-Down Charge Pump
85% Efficiency, VIN: 3.1V to 5.5V, VOUT = 1.2V/1.5V, IQ = 35µA,
ISD < 1µA, ThinSOT
LTC3251
500mA, 1MHz to 16MHz, Spread Spectrum Step-Down
85% Efficiency, VIN: 3.1V to 5.5V, VOUT: 0.9V to 1.6V, 1.2V/1.5V,
Charge Pump
IQ = 9µA, ISD < 1µA, MS10
LTC4555
SIM Power Supply and Level Translator for 1.8V/3V SIM Cards
VIN: 3V to 6V, VOUT = 1.8V/3V, IQ = 40µA, ISD < 1µA, QFN16
LTC4556
Smart Card Interface with Serial Control for 1.8V/3V/5V
VIN: 2.7V to 5.5V, VOUT = 1.8V/3V/5V, IQ = 250µA, ISD < 1µA,
QFN24
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
TYPICAL APPLICATIO
DVCC
VBATT
VBATT
3V TO 6V
DVCC
1.2V TO 4.4V
LTC4557
µCONTROLLER
VCCA
CLKA
DVCC
RSTA
I/OA
C1
C1
C5
C5
C3
C2
C7
C7
C2
C3
GND
VCCB
CLKB
RSTB
I/OB
CLKIN
23
5
10
9
8
13
12
11
6
7
4
17
1
16
15
14
C4
0.1
µF
C1
1
µF
C2
1
µF
RSTIN
DATA
ENABLE
M0
M1
C3
0.1
µF
4557 TA02
1.8V/3V
SIM
CARD
1.8V/3V
SMART
CARD
VCC
CLK
RST
I/O
GND
GND
VCC
CLK
RST
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com