Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4557 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4557
Description  Dual SIM/Smart Card Power Supply and Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4557 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4557 Datasheet HTML 4Page - Linear Technology LTC4557 Datasheet HTML 5Page - Linear Technology LTC4557 Datasheet HTML 6Page - Linear Technology LTC4557 Datasheet HTML 7Page - Linear Technology LTC4557 Datasheet HTML 8Page - Linear Technology LTC4557 Datasheet HTML 9Page - Linear Technology LTC4557 Datasheet HTML 10Page - Linear Technology LTC4557 Datasheet HTML 11Page - Linear Technology LTC4557 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC4557
4557f
APPLICATIO S I FOR ATIO
10kV ESD Protection
All smart card pins (CLKA,B, RSTA,B, I/OA,B, VCCA,B and
GND) can withstand over 10kV of human body model ESD
in-situ. In order to ensure proper ESD protection, careful
board layout is required. The GND pad should be tied
directly to a ground plane. The VCCA,Bcapacitors should be
located very close to the VCCA,B pins and tied immediately
to the ground plane.
Capacitor Selection
A total of four capacitors are required for proper bypassing
of the LTC4557. An input bypass capacitor is required at
VBATT and DVCC. Output bypass capacitors are required on
each of the smart card VCCA,B pins. Due to their extremely
low equivalent series resistance (ESR), only multilayer
ceramic chip capacitors should be used to ensure proper
stability and ESD protection.
There are several types of ceramic capacitors available
each having considerably different characteristics. For
example, X7R/X5R ceramic capacitors have excellent volt-
age and temperature stability but relatively low packing
density. Y5V ceramic capacitors have apparently higher
packing density but poor performance over their rated
voltage or temperature ranges. Under certain voltage and
temperature conditions Y5V and X7R/X5R ceramic
capacitors can be compared directly by case size rather
than specified value for a desired minimum capacitance.
The VCCA,B outputs should be bypassed to GND with a 1µF
capacitor. VBATT should be bypassed with a 0.1µF ceramic
capacitor. Capacitors should be placed as close to the
LTC4557 as possible for improved ESD tolerance.
The following capacitors are recommended for use with
the LTC4557:
TYPE
VALUE
CASE SIZE
MURATA PART NUMBER
CVCC,
X5R
1
µF
0603
GRM188R60J105KA01
VCCA/B
CDVCC,
X5R
0.1
µF
0402
GRM155R61A104KA01
DVCC
Compliance Testing
Inductance due to long leads on type approval equipment
can cause ringing and overshoot that leads to testing
problems. Small amounts of capacitance and damping
resistors can be included in the application without com-
promising the normal electrical performance of the
LTC4557 or smart card system. Generally a 100
Ω resistor
and a 20pF capacitor will accomplish this as shown in
Figure 2.
100
Ω
100
Ω
100
Ω
20pF
20pF
20pF
0.1
µF
1
µF
4557 F02
VCCX
CLKX
LTC4557
RSTX
I/OX
SMART
CARD
SOCKET
C1
C3
C2
C7
C5
Figure 2. Additional Components for Improved Compliance Testing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com