Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4557 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4557
Description  Dual SIM/Smart Card Power Supply and Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4557 Datasheet(HTML) 4 Page - Linear Technology

  LTC4557 Datasheet HTML 1Page - Linear Technology LTC4557 Datasheet HTML 2Page - Linear Technology LTC4557 Datasheet HTML 3Page - Linear Technology LTC4557 Datasheet HTML 4Page - Linear Technology LTC4557 Datasheet HTML 5Page - Linear Technology LTC4557 Datasheet HTML 6Page - Linear Technology LTC4557 Datasheet HTML 7Page - Linear Technology LTC4557 Datasheet HTML 8Page - Linear Technology LTC4557 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC4557
4557f
TYPICAL PERFOR A CE CHARACTERISTICS
I/O X Short-Circuit Current
vs Temperature
No Load Supply Current vs VBATT
VBATT Quiescent Current
(IVBATT – ICC) vs Load Current
VBATT Shutdown Current
vs Supply Voltage
DVCC Shutdown Current
vs Supply Voltage
Data – I/O Channel, CL = 40pF
Deactivation Sequence,
CVCCX = 1µF
SUPPLY VOLTAGE (V)
2.7
3.1
55
65
80
3.5
4.3
4.7
4557 G01
60
75
70
3.9
5.1
5.5
TA = 25°C
ICCA = ICCB = 0µA
VCCX = 3V
VCCX = 1.8V
DROPOUT
TEMPERATURE (
°C)
–40
5.0
5.5
60
4557 G02
4.5
4.0
–15
10
35
85
6.0
VDVCC = VBATT = 5.5V
VCCX = 3V
LOAD CURRENT (
µA)
40
80
120
140
10
1000
10000
100000
4557 G03
0
100
100
60
20
TA = 25°C
VBATT = 3.1V
SUPPLY VOLTAGE (V)
2.7
2.0
2.5
3.0
3.9
4.7
4557 G04
1.5
1.0
3.1
3.5
4.3
5.1
5.5
0.5
0
VDVCC = 1.8V
TA = –40°C
TA = 25°C
TA = 85°C
SUPPLY VOLTAGE (V)
1.2
0
0.1
0.3
0.4
0.5
0.7
1.6
3.2
4
4557 G05
0.2
0.6
2.8
4.8
5.6
5.2
2 2.4
3.6
4.4
VBATT = 5.5V
TA = –40°C TO 85°C
I/0X
1V/DIV
DATA
1V/DIV
200ns/DIV
CL = 40pF
4557 G06
RSTX
5V/DIV
CLKX
5V/DIV
I/OX
5V/DIV
VCCX
2V/DIV
10
µs/DIV
CVCCX = 1µF
4557 G07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com