Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4355 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4355
Description  The L6480 and L6482 devices are motor controllers providing
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4355 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4355 Datasheet HTML 5Page - STMicroelectronics AN4355 Datasheet HTML 6Page - STMicroelectronics AN4355 Datasheet HTML 7Page - STMicroelectronics AN4355 Datasheet HTML 8Page - STMicroelectronics AN4355 Datasheet HTML 9Page - STMicroelectronics AN4355 Datasheet HTML 10Page - STMicroelectronics AN4355 Datasheet HTML 11Page - STMicroelectronics AN4355 Datasheet HTML 12Page - STMicroelectronics AN4355 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DocID025240 Rev 2
9/25
AN4355
Motion engine control
25
If a GoTo command is requested when the motor is running, the minimum path algorithm
also considers the steps required to reverse the direction (see Figure 6).
Figure 6. Minimum path algorithm when motor is running
The GoTo and GoTo_DIR can only be executed when no other commands are under
execution.
Change the target position of the on-the-fly command
If a Run command is sent to the device during the execution of a GoTo command, it aborts
the previous command. This effect can be used to change the target position of the motion
engine on-the-fly.
Following the suggested sequence of operations:
1.
Read the current motor speed (SPEED register) and direction (DIR bit in the STATUS
register).
2.
Send a Run command setting the target speed and direction equal to the values
obtained at point 1.
3.
Wait for the execution command monitoring the BUSY pin or the BUSY flag in the
STATUS register.
4.
Send the new positioning command.
This operation could introduce a small error in the generation of the speed profile. If the
target position is changed a high number of times (tracking position) the error increases and
anomalous behaviors could occur.
0
h200000
>
then forward direction is used.
h3FFFFF
h1FFFFF
h000001
Current position
Zero speed position
(where the motor will stop if it starts decelerating)
Target position
Motor is running
in forward direction
Forward direction path
Forward direction path
Reverse direction path
Reverse direction path
AM16592v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com