Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4355 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4355
Description  The L6480 and L6482 devices are motor controllers providing
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4355 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4355 Datasheet HTML 16Page - STMicroelectronics AN4355 Datasheet HTML 17Page - STMicroelectronics AN4355 Datasheet HTML 18Page - STMicroelectronics AN4355 Datasheet HTML 19Page - STMicroelectronics AN4355 Datasheet HTML 20Page - STMicroelectronics AN4355 Datasheet HTML 21Page - STMicroelectronics AN4355 Datasheet HTML 22Page - STMicroelectronics AN4355 Datasheet HTML 23Page - STMicroelectronics AN4355 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Protections
AN4355
20/25
DocID025240 Rev 2
5.4
VS undervoltage
The device also provides an undervoltage detection feature for the power stage supply (VS)
through the integrated ADC. Connecting the ADCIN pin to VS through a voltage divider the
motor supply voltage is constantly monitored.
When the ADC input voltage falls below 1.16 V (typical), the protection is triggered and the
UVLO_ADC failure flag is asserted. The failure flag can be released through a GetStatus
command after the ADC input voltage returns above the threshold value. The protection
does not affect the device operation.
If the voltage divider is sized in order to obtain VREG/2 voltage at the ADCIN pin when VS is
at its nominal, the VS undervoltage threshold corresponds to a reduction of the 30% of the
nominal supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com