Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4355 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4355
Description  The L6480 and L6482 devices are motor controllers providing
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4355 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4355 Datasheet HTML 9Page - STMicroelectronics AN4355 Datasheet HTML 10Page - STMicroelectronics AN4355 Datasheet HTML 11Page - STMicroelectronics AN4355 Datasheet HTML 12Page - STMicroelectronics AN4355 Datasheet HTML 13Page - STMicroelectronics AN4355 Datasheet HTML 14Page - STMicroelectronics AN4355 Datasheet HTML 15Page - STMicroelectronics AN4355 Datasheet HTML 16Page - STMicroelectronics AN4355 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DocID025240 Rev 2
13/25
AN4355
Supply management
25
Figure 8. Gate drivers supply circuit
The supply circuit for the device logic is shown in Figure 9. When the VREG voltage is
generated through the integrated linear regulator the VCCREG pin must be connected to
a supply voltage ranging from VREG + 3 V = 6.3 V (3 V is the dropout voltage of the linear
regulator) and VCC. VCCREG must be always lower than VCC otherwise the ESD protection
diode is turned on and the device can be damaged.
The device can be protected from this event adding an external low drop diode between the
VCCREG and VCC pins.
In order to supply directly the logic the external supply voltage must be connected to both
the VREG and VCCREG pins; this way the internal linear regulator is disabled.
Figure 9. Logic supply circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com