Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4355 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4355
Description  The L6480 and L6482 devices are motor controllers providing
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4355 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4355 Datasheet HTML 17Page - STMicroelectronics AN4355 Datasheet HTML 18Page - STMicroelectronics AN4355 Datasheet HTML 19Page - STMicroelectronics AN4355 Datasheet HTML 20Page - STMicroelectronics AN4355 Datasheet HTML 21Page - STMicroelectronics AN4355 Datasheet HTML 22Page - STMicroelectronics AN4355 Datasheet HTML 23Page - STMicroelectronics AN4355 Datasheet HTML 24Page - STMicroelectronics AN4355 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Main clock source
AN4355
22/25
DocID025240 Rev 2
7
Main clock source
The motion engine integrated into the L648x generates the internal step clock starting from
the main clock source of the system. As a consequence, the perturbations on the main clock
affect the accuracy with which the device generates the speed of the motor (step rate).
The main clock also affects the following parameters:
Gate driving timings (controlled current time, boost time, deadtime and blanking time).
Frequency of the PWM modulators (L6480).
On time measurement and current control timings (L6482).
The devices can operate with both external and internal clock sources. By default the clock
source is the integrated oscillator operating at 16 MHz. This solution, if compared to a high
precision external source, allows the maximum integration with lower precision of the
generation of the speed profile (acceleration, deceleration and target speed). The effects on
the current control systems (voltage mode or advanced current control) are negligible.
The device can be configured to use an external clock source or to drive a crystal/resonator.
In both cases the clock frequency must be chosen between four values: 8, 16, 24 or 32
MHz.
Warning:
Setting the wrong value or applying a clock frequency
significantly different from the nominal value might cause
failures.
The external clock source allows obtaining higher precision of the speed profile.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com