Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4355 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4355
Description  The L6480 and L6482 devices are motor controllers providing
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4355 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4355 Datasheet HTML 15Page - STMicroelectronics AN4355 Datasheet HTML 16Page - STMicroelectronics AN4355 Datasheet HTML 17Page - STMicroelectronics AN4355 Datasheet HTML 18Page - STMicroelectronics AN4355 Datasheet HTML 19Page - STMicroelectronics AN4355 Datasheet HTML 20Page - STMicroelectronics AN4355 Datasheet HTML 21Page - STMicroelectronics AN4355 Datasheet HTML 22Page - STMicroelectronics AN4355 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
DocID025240 Rev 2
19/25
AN4355
Protections
25
The relation between the voltage threshold which is programmed into the device register
and the actual load current is defined by Equation 1:
Equation 1
IOCDth = VOCDth × Rds(ON)
Where Rds(ON) is the ON resistance of the external MOSFET. Considering that the on
resistance value varies with temperature and gate voltage, the VCC value and the operative
temperature of the power stage must be considered when the threshold value is defined.
5.3
Gate drivers undervoltage
The undervoltage protection avoids the gate driving circuitry of the device to operate with
a supply voltage below a programmed value. This way a minimum gate-source voltage for
the external MOSFET is guaranteed.
At power-up the device is in undervoltage status: the power stage is kept disabled until the
VCC voltage is below the turn-on threshold. In this condition all the commands enabling the
bridges (e.g.: Move, Run, GoTo, HardStop, etc.) are ignored and the UVLO failure flag is
forced low.
When the turn-on threshold is reached the power stage is operative. The UVLO flag is kept
low until it is released through a GetStatus command.
The device returns in undervoltage status if the supply voltage falls below the turn-off
threshold.
Figure 14. Undervoltage protection
Two possible threshold values can be set through the UVLOVAL bit in the CONFIG register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com