Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4355 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4355
Description  The L6480 and L6482 devices are motor controllers providing
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4355 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4355 Datasheet HTML 8Page - STMicroelectronics AN4355 Datasheet HTML 9Page - STMicroelectronics AN4355 Datasheet HTML 10Page - STMicroelectronics AN4355 Datasheet HTML 11Page - STMicroelectronics AN4355 Datasheet HTML 12Page - STMicroelectronics AN4355 Datasheet HTML 13Page - STMicroelectronics AN4355 Datasheet HTML 14Page - STMicroelectronics AN4355 Datasheet HTML 15Page - STMicroelectronics AN4355 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Supply management
AN4355
12/25
DocID025240 Rev 2
3
Supply management
The L648x devices integrate two linear voltage regulators which can be used for the
generation of the supply voltages of the gate drivers and the control logic. This allows the
device to operate both using a single supply source (the motor supply) and using separated
supply sources for gate driving and logic parts.
The supply pins of the device are listed in Table 2.
The supply circuit for the gate drivers is shown in Figure 8. When the VCC voltage is
generated through the integrated linear regulator the VSREG pin must be connected to
a supply voltage ranging from VCC + 3 V (3 V is the dropout voltage of the linear regulator)
and the motor supply voltage VS. VSREG must be always lower than VBOOT otherwise the
ESD protection diode is turned on and the device can be damaged.
The device can be protected from this event adding an external low drop diode between the
VSREG and VS pins, charge pump diodes should be low drop too.
In order to supply directly the gate driving circuitry the external supply voltage must be
connected to both the VCC and VSREG pins; this way the internal linear regulator is
disabled.
Table 2. Device supply pins
Pin
Voltage range (operative)
Description
VS
From VSREG to 85 V
Motor supply voltage. It is used by the device only as a reference
voltage for internal circuitry.
VBOOT
From VS to VS + VCC
High-side gate drivers supply voltage. It is generated through
a charge pump circuit. The charge pump is supplied by the VCC pin.
VSREG
From VCC + 3 V to VS or shorted
to VCC (VCC directly supplied)
Input voltage of the VCC linear voltage regulator.
VCC
From 7.5 V to 15 V
Output voltage of the VCC linear voltage regulator and low-side gate
drivers supply voltage. It is also the supply voltage of the charge
pump circuit generating the VBOOT voltage.
VCCREG
From 6.3 V to VCC or shorted to
VREG (VREG directly supplied)
Input voltage of the VREG linear voltage regulator.
VREG
3.3 V
Output voltage of the VREG linear voltage regulator and logic supply
voltage.
VDD
3.3 V or 5 V
Digital outputs supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com