Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4504 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4504
Description  This document is intended to provide usage information
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4504 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4504 Datasheet HTML 9Page - STMicroelectronics AN4504 Datasheet HTML 10Page - STMicroelectronics AN4504 Datasheet HTML 11Page - STMicroelectronics AN4504 Datasheet HTML 12Page - STMicroelectronics AN4504 Datasheet HTML 13Page - STMicroelectronics AN4504 Datasheet HTML 14Page - STMicroelectronics AN4504 Datasheet HTML 15Page - STMicroelectronics AN4504 Datasheet HTML 16Page - STMicroelectronics AN4504 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
DocID026419 Rev 1
13/41
AN4504
Digital filters
41
4
Digital filters
The L3G4200D provides embedded low-pass and as well as high-pass filtering capability to
easily delete the DC component of the measured angular rate. As shown in Figure 2,
through the HPen, INTx_Sel and Out_Sel bits of CTRL_REG5, it is possible to
independently apply the filter on the output/FIFO data and/or on the interrupts data. This
means that it is possible to get filtered data while the interrupt generator works on unfiltered
data.
Figure 2. Low-pass/high-pass filter connections block diagram
4.1
Filter configurations
Referring to Table 8, the HPen and Out_Sel bits are used to drive unfiltered or filtered data
to the output registers and to the FIFO:
Table 7. CTRL_REG5 register
BOOT
FIFO_EN
-
HPen INT1_Sel1 INT1_Sel0
Out_Sel1
Out_Sel0
Table 8. HPen and Out_Sel settings
HPen
OUT_Sel1
OUT_Sel0
Description
x
0
0
Data in DataReg and FIFO are not high-pass filtered
x
0
1
Data in DataReg and FIFO are high-pass filtered
0
1
x
Data in DataReg and FIFO are low-pass filtered by LPF2
11
x
Data in DataReg and FIFO are high-pass and low-pass
filtered by LPF2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com