Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4504 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4504
Description  This document is intended to provide usage information
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4504 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4504 Datasheet HTML 21Page - STMicroelectronics AN4504 Datasheet HTML 22Page - STMicroelectronics AN4504 Datasheet HTML 23Page - STMicroelectronics AN4504 Datasheet HTML 24Page - STMicroelectronics AN4504 Datasheet HTML 25Page - STMicroelectronics AN4504 Datasheet HTML 26Page - STMicroelectronics AN4504 Datasheet HTML 27Page - STMicroelectronics AN4504 Datasheet HTML 28Page - STMicroelectronics AN4504 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
DocID026419 Rev 1
25/41
AN4504
Interrupt generation
41
At step 13, a dummy read of the REFERENCE register is performed to set the
current/reference angular rate/tilt state against which the device performed the threshold
comparison.
This read may be performed any time it is required to set the current rate as a reference
state without waiting for the filter to settle.
5.6
Selective axis movement detection
Selective axis movement detection refers to a specific configuration of the INT1_CFG and
INT1_THS registers that allows recognizing when the device is rotating only around the
selected axis.
Referring to Figure 12, a “no rotation zone” is defined around the zero-dps level where the
angular rates are small enough to be considered as zero. It is possible to create a
configuration of the INT1_CFG register so that an interrupt is generated only if, i.e., the
angular rates for the rotation around the X and Y axes are around zero while it is different
from zero for the Z-axis. This means the device is doing a pure yaw rotation.
8
Write 2Ch into INT1_THS_YH
// Threshold = 100 dps
9
Write A4h into INT1_THS_YL
// Threshold = 100 dps
10 Write 2Ch into INT1_THS_ZH
// Threshold = 100 dps
11
Write A4h into INT1_THS_ZL
// Threshold = 100 dps
12 Write 00h into INT1_DURATION
// Duration = 0
13 Read REFERENCE
// Dummy read to force the HP filter to
// current angular rate value
// (i.e. set reference angular rate)
14 Write 6Ah into INT1_CFG
// Enable XH, YH and ZH interrupt generation
// Interrupt latched
15 Poll INT1 pad; if INT1=0 then go to 8
// Poll INT1 pin waiting for the
// wake-up event
16 Read INT1_SRC
// Return the event that has triggered the
// interrupt
17
(Wake-up event has occurred; insert
your code here)
// Event handling
18 Go to 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com