Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4504 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN4504
Description  This document is intended to provide usage information
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4504 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN4504 Datasheet HTML 26Page - STMicroelectronics AN4504 Datasheet HTML 27Page - STMicroelectronics AN4504 Datasheet HTML 28Page - STMicroelectronics AN4504 Datasheet HTML 29Page - STMicroelectronics AN4504 Datasheet HTML 30Page - STMicroelectronics AN4504 Datasheet HTML 31Page - STMicroelectronics AN4504 Datasheet HTML 32Page - STMicroelectronics AN4504 Datasheet HTML 33Page - STMicroelectronics AN4504 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
First-in first-out (FIFO) buffer
AN4504
30/41
DocID026419 Rev 1
6.2.3
FIFO source register (0x2F)
This register is updated at every ODR and provides information about the FIFO buffer
status.
WTM bit is set high when FIFO content exceeds watermark level.
OVRN bit is set high when FIFO buffer is full, this means that the FIFO buffer contains
32 unread samples. At the following ODR a new sample set replaces the oldest FIFO
value. The OVRN bit is reset when the first sample set has been read.
EMPTY flag is set high when all FIFO samples have been read and FIFO is empty.
FSS[4:0] field always contains the current number of unread samples stored in the
FIFO buffer. When FIFO is enabled, this value increases at ODR frequency until the
buffer is full, whereas it decreases every time that one sample set is retrieved from
FIFO.
Register content is updated synchronous to the FIFO write and read operation.
The watermark flag, the FIFO overrun and FIFO empty events can be enabled to generate a
dedicated interrupt on the DRDY/INT2 pin by configuring CTRL_REG3.
I2_WTM bit drives the watermark flag (WTM) on the DRDY/INT2 pin.
I2_OVRN bit drives the overrun event (OVRN) on the DRDY/INT2Y pin.
I2_Empty bit drives the empty event (EMPTY) on the DRDY/INT2 pin
If one or more bits are set to “1”, the DRDY/INT2 pin status is the logical OR combination of
the three signals.
Table 30. FIFO_SRC_REG
b7
b6
b5
b4
b3
b2
b1
b0
WTM
OVRN
EMPTY
FSS4
FSS3
FSS2
FSS1
FSS0
Table 31. FIFO_SRC_REG behavior assuming WTM[4:0] = 15 (hex)
WTM
OVRN
EMPTY
FSS[4:0]
Unread FIFO samples
Timing
0
0
1
00000
0
t0
0
0
0
00001
1
t0 + 1/ODR
0
0
0
00010
2
t0 + 2/ODR
...
...
...
...
...
...
0
0
0
01111
15
t0 + 15/ODR
1
0
0
10000
16
t0 + 16/ODR
...
...
...
...
...
...
1
0
0
11110
30
t0 + 30/ODR
1
0
0
11111
31
t0 + 31/ODR
1
1
0
11111
32
t0 + 32/ODR
Table 32. CTRL_REG3 (0x22)
b7
b6
b5
b4
b3
b2
b1
b0
X
X
X
X
X
I2_WTM
I2_ORun
I2_Empty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com