Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4504 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN4504
Description  This document is intended to provide usage information
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4504 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN4504 Datasheet HTML 31Page - STMicroelectronics AN4504 Datasheet HTML 32Page - STMicroelectronics AN4504 Datasheet HTML 33Page - STMicroelectronics AN4504 Datasheet HTML 34Page - STMicroelectronics AN4504 Datasheet HTML 35Page - STMicroelectronics AN4504 Datasheet HTML 36Page - STMicroelectronics AN4504 Datasheet HTML 37Page - STMicroelectronics AN4504 Datasheet HTML 38Page - STMicroelectronics AN4504 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
DocID026419 Rev 1
35/41
AN4504
First-in first-out (FIFO) buffer
41
6.3.4
Stream-to-FIFO mode
This mode is a combination of the Stream and FIFO modes previously described. In Stream-
to-FIFO mode, the FIFO buffer starts operating in Stream mode and switches to FIFO mode
when the selected interrupt occurs.
Follow these steps for Stream-to-FIFO mode configuration:
1.
Configure the desired interrupt generator using register INT1_CFG (0x30).
2.
Turn on FIFO by setting the FIFO_EN bit to “1” in control register 5 (0x24). After this
operation the FIFO buffer is enabled but isn’t collecting data, output registers are
frozen to the last samples set loaded.
3.
Activate Stream-to-FIFO mode by setting the FM[2:0] field to “011” in the FIFO control
register (0x2E).
The interrupt trigger is related to the IA bit in the INT1_SRC register and it is generated even
if the interrupt signal is not driven to an interrupt pad. A mode switch is performed if both the
IA and OVRN bits are set high. Stream-to-FIFO mode is sensitive to the trigger level and not
to the trigger edge which means that if Stream-to-FIFO is in FIFO mode and the interrupt
condition disappears, the FIFO buffer returns to Stream mode because the IA bit becomes
zero. It is recommended to latch the interrupt signal used as the FIFO trigger in order to
avoid losing interrupt events. If the selected interrupt is latched, the register INT1_SRC
must be read to clear the IA bit; after the read, the IA bit takes 2*ODR to go low.
In Stream mode the FIFO buffer continues filling, when the buffer is full, the OVRN bit is set
high and the next samples overwrite the oldest. When the trigger occurs, two different cases
can be observed:
1.
If the FIFO buffer is already full (OVRN = “1”), it stops collecting data at the first sample
after the trigger. FIFO content is composed of #30 samples collected before the trigger
event, the sample that has generated the interrupt event and one sample after the
trigger.
2.
If FIFO isn’t yet full (initial transient), it continues filling until it is full (OVRN = “1”) and
then, if the trigger is still present, it stops collecting data.
Figure 18. Stream-to-FIFO mode: interrupt not latched



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com