Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4504 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN4504
Description  This document is intended to provide usage information
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4504 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN4504 Datasheet HTML 27Page - STMicroelectronics AN4504 Datasheet HTML 28Page - STMicroelectronics AN4504 Datasheet HTML 29Page - STMicroelectronics AN4504 Datasheet HTML 30Page - STMicroelectronics AN4504 Datasheet HTML 31Page - STMicroelectronics AN4504 Datasheet HTML 32Page - STMicroelectronics AN4504 Datasheet HTML 33Page - STMicroelectronics AN4504 Datasheet HTML 34Page - STMicroelectronics AN4504 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
DocID026419 Rev 1
31/41
AN4504
First-in first-out (FIFO) buffer
41
6.3
FIFO modes
The L3G4200D FIFO buffer can be configured to operate in five different modes selectable
by the FM[2:0] field in FIFO_CTRL_REG. Available configurations ensure a high level of
flexibility and extend the number of functions usable in application development.
Bypass, FIFO, Stream, Stream-to-FIFO and Bypass-to-Stream modes are described in the
following paragraphs.
6.3.1
Bypass mode
When Bypass mode is enabled, FIFO is not operational: buffer content is cleared, output
registers (0x28 to 0x2D) are frozen at the last value loaded, and the FIFO buffer remains
empty until another mode is selected.
Follow these steps for Bypass mode configuration:
1.
Turn-on FIFO by setting the FIFO_EN bit to “1” in control register 5 (0x24). After this
operation the FIFO buffer is enabled but isn’t collecting data, output registers are
frozen to the last samples set loaded.
2.
Activate Bypass mode by setting the FM[2:0] field to “000” in the FIFO control register
(0x2E). If this mode is enabled, the FIFO source register (0x2F) is forced equal to 0x20.
Bypass mode must be used in order to stop and reset the FIFO buffer when a different
mode is operating. Note that placing the FIFO buffer into bypass mode clears the whole
buffer content.
6.3.2
FIFO mode
In FIFO mode, the buffer continues filling until full (32 sample sets stored,) then it stops
collecting data and the FIFO content remains unchanged until a different mode is selected.
Follow these steps for FIFO mode configuration:
1.
Turn on FIFO by setting the FIFO_EN bit to “1” in control register 5 (0x24). After this
operation the FIFO buffer is enabled but isn’t collecting data, output registers are
frozen to the last sample set loaded.
2.
Activate FIFO mode by setting the FM[2:0] field to “001” in the FIFO control register
(0x2E).
By selecting this mode, FIFO starts data collection and source register (0x2F) changes
according to the number of samples stored. At the end of the procedure, the source register
is set to 0xDF and the OVRN flag generates an interrupt if the I2_OVRN bit is selected in
control register 5. Data can be retrieved when OVRN is set to ‘1’, performing a 32 sample
set read from the output registers, data can be retrieved also on the WTM flag instead of
OVRN if the application requires a lower number of samples. Communication speed is not
so important in FIFO mode because data collection is stopped and there is no risk of
overwriting acquired data. Before restarting FIFO mode, at the end of the reading procedure
it is necessary to exit Bypass mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com