Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4504 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN4504
Description  This document is intended to provide usage information
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4504 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN4504 Datasheet HTML 33Page - STMicroelectronics AN4504 Datasheet HTML 34Page - STMicroelectronics AN4504 Datasheet HTML 35Page - STMicroelectronics AN4504 Datasheet HTML 36Page - STMicroelectronics AN4504 Datasheet HTML 37Page - STMicroelectronics AN4504 Datasheet HTML 38Page - STMicroelectronics AN4504 Datasheet HTML 39Page - STMicroelectronics AN4504 Datasheet HTML 40Page - STMicroelectronics AN4504 Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
DocID026419 Rev 1
39/41
AN4504
Temperature sensor
41
7
Temperature sensor
The L3G4200D is provided with an internal temperature sensor that is suitable for delta
temperature measurement. Temperature data are generated with a frequency of 1 Hz and
are stored inside the OUT_TEMP register in two’s complement format with a sensitivity
of -1 LSB/°C.
7.1
Example of delta temperature data calculation
In Table 33 we show an example of the content of OUT_TEMP. We select the content of the
OUT_TEMP register in two different moments, t1 and t2 and we calculate the temperature
delta between moment t1 and moment t2.
We can calculate temperature shift as:
DeltaT = OUT_TEMP@t2 – OUT_TEMP@t1 = -5 LSB.
Using the sensitivity information we get:
DeltaT = -5 LSB * -1°C/LSB = +5 °C.
Table 33. OUT_TEMP register content
OUT_TEMP
Time
binary
hex
00000100
4
00000011
3
00000010
2
t1
00000001
1
00000000
0
00001111
-1
00001110
-2
00001101
-3
t2
00001100
-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com