Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4545 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4545
Description  VL6180X basic ranging application note
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4545 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4545 Datasheet HTML 5Page - STMicroelectronics AN4545 Datasheet HTML 6Page - STMicroelectronics AN4545 Datasheet HTML 7Page - STMicroelectronics AN4545 Datasheet HTML 8Page - STMicroelectronics AN4545 Datasheet HTML 9Page - STMicroelectronics AN4545 Datasheet HTML 10Page - STMicroelectronics AN4545 Datasheet HTML 11Page - STMicroelectronics AN4545 Datasheet HTML 12Page - STMicroelectronics AN4545 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
DocID026571 Rev 1
9/27
AN4545
Other ranging outputs
27
3.2.2
Return convergence time
Register RESULT__RANGE_RETURN_CONV_TIME {0x7c} contains the time in µs it took
for the return array on VL6180X to settle or converge on a target distance during the range
measurement.
Note:
If Return convergence time is equal to the max convergence time, then VL6180X was not
able to detect a target during the last measurement.
{0x7c} is a 32-bit register.
3.2.3
Return signal count
Register RESULT__RANGE_RETURN_VCSEL_COUNT {0x6c} contains the number of
counts recorded during the convergence time(a) from the return array during the range
measurement.
The following equation show the relationship between count, signal rate and convergence
time.
Note:
{0x6c} is a 32-bit register.
3.2.4
Return ambient count
Register RESULT__RANGE_RETURN_AMB_COUNT {0x74} contains the number of
ambient counts recorded during the convergence time(a) during the range measurement.
The ambient counter is only active for 1/6th of the convergence time, hence the count value
must be multiplied by 6.
See the following equation of how to convert the ambient count into Mcps.
Note:
{0x74} is a 32-bit register
3.3
Reference array statistic
3.3.1
Reference signal rate
Register RESULT__RANGE_REFERENCE_RATE {0x68} contains the signal rate from the
reference array recorded during the range measurement.
To convert the reference rate into Mcps, read {0x68} and divide the value by 128.
Note:
{0x68} is a 16-bit register.
a.
The count register continues to increment till both return and reference array have converged. This means for
the Convergence time [µs], the maximum value between {0x7c} and {0x80} should be used in the equation.
Under normal operation, {0x7c} should be the larger number value.
Return Signal Rate [Mcps]
Return Signal Count
Convergence Time [µs]
--------------------------------------------------------------
=
Return Ambient Rate [Mcps]
Return Ambient Count
6
×
Convergence Time [µs]
---------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com