Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4545 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4545
Description  VL6180X basic ranging application note
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4545 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4545 Datasheet HTML 12Page - STMicroelectronics AN4545 Datasheet HTML 13Page - STMicroelectronics AN4545 Datasheet HTML 14Page - STMicroelectronics AN4545 Datasheet HTML 15Page - STMicroelectronics AN4545 Datasheet HTML 16Page - STMicroelectronics AN4545 Datasheet HTML 17Page - STMicroelectronics AN4545 Datasheet HTML 18Page - STMicroelectronics AN4545 Datasheet HTML 19Page - STMicroelectronics AN4545 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Cover glass
AN4545
16/27
DocID026571 Rev 1
Figure 9. Graph of range output vs. target distance with cross talk calibration. The
test was performed in the dark and with cover glass
5.1.1
Cross ross talk calibration procedure
This section describes a procedure for calibrating system cross talk.
1.
Perform the offset calibration (recommended)
a)
See Section 4.1.1.
Note:
If the offset is incorrectly calibrated, cross talk calibration will be inaccurate.
2.
Place a dark target at 100mm away from VL6180X.
a)
Low reflectance target recommended, e.g. 3% target.
3.
Ensure SYSRANGE__CROSSTALK_COMPENSATION_RATE {0x1e} is set to 0.
4.
Collect a number of range measurements with the target in place and calculate mean
of the range results and Return signal rate.
a)
For a reliable measurement, take at least 10 measurements.
5.
Calculate the cross talk:
6.
Apply offset:
a)
Write the calculated cross talk value to
SYSRANGE__CROSSTALK_COMPENSATION_RATE {0x1e}.
Note:
{0x1e} is a 316-bit register in 9.7 format:
For cross talk value of 0.4 Mcps = 0.4 x 128 =51.2, register value to be written = 0x33.
cross-talk [Mcps]
Average Rtn Rate [Mcps]
1
Average range
Target Distance
------------------------------------------
–


×
=
cross-talk [Mcps]
Rtn Rate [Mcps]
1
Average range 100
⁄
–
()
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com