Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4545 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4545
Description  VL6180X basic ranging application note
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4545 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4545 Datasheet HTML 7Page - STMicroelectronics AN4545 Datasheet HTML 8Page - STMicroelectronics AN4545 Datasheet HTML 9Page - STMicroelectronics AN4545 Datasheet HTML 10Page - STMicroelectronics AN4545 Datasheet HTML 11Page - STMicroelectronics AN4545 Datasheet HTML 12Page - STMicroelectronics AN4545 Datasheet HTML 13Page - STMicroelectronics AN4545 Datasheet HTML 14Page - STMicroelectronics AN4545 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
DocID026571 Rev 1
11/27
AN4545
Typical ranging output
27
4
Typical ranging output
4.1
Range output
Figure 5 shows the typical ranging output from VL6180X for different targets(b) at different
distances.
Figure 5. Graph of range output vs. target distance. The test was performed in the
dark and with no cover glass.
The range output of VL6180X with each of the targets should be linear with range. There
could however be an offset error(c). This error can be corrected by performing a manual
offset calibration, see Section 4.1.1.
Note:
At <10mm the interaction between the target and VL6180X will prevent the range output
from reaching 0mm. This is due to a number of physical effects:
•
Separation between VCSEL and return array
•
Multiple reflections between target surface and VL6180X
•
VCSEL output penetrating the target surface and scattering off the layers inside the
target
b.
Munsell gray target.
c.
See section 4 in the VL6180X dataset for the spec on offset error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com