Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4545 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4545
Description  VL6180X basic ranging application note
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4545 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4545 Datasheet HTML 19Page - STMicroelectronics AN4545 Datasheet HTML 20Page - STMicroelectronics AN4545 Datasheet HTML 21Page - STMicroelectronics AN4545 Datasheet HTML 22Page - STMicroelectronics AN4545 Datasheet HTML 23Page - STMicroelectronics AN4545 Datasheet HTML 24Page - STMicroelectronics AN4545 Datasheet HTML 25Page - STMicroelectronics AN4545 Datasheet HTML 26Page - STMicroelectronics AN4545 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
DocID026571 Rev 1
25/27
AN4545
SR03 settings
27
WriteByte(0x002e, 0x01); // perform a single temperature calibration
// of the ranging sensor
Optional: Public registers - See data sheet for more detail
WriteByte(0x001b, 0x09); // Set default ranging inter-measurement
// period to 100ms
WriteByte(0x003e, 0x31); // Set default ALS inter-measurement period
// to 500ms
WriteByte(0x0014, 0x24); // Configures interrupt on ‘New Sample
// Ready threshold event’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com