Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4545 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4545
Description  VL6180X basic ranging application note
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4545 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4545 Datasheet HTML 15Page - STMicroelectronics AN4545 Datasheet HTML 16Page - STMicroelectronics AN4545 Datasheet HTML 17Page - STMicroelectronics AN4545 Datasheet HTML 18Page - STMicroelectronics AN4545 Datasheet HTML 19Page - STMicroelectronics AN4545 Datasheet HTML 20Page - STMicroelectronics AN4545 Datasheet HTML 21Page - STMicroelectronics AN4545 Datasheet HTML 22Page - STMicroelectronics AN4545 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
DocID026571 Rev 1
19/27
AN4545
Device settings
27
Note:
{0x1c} is a 8-bit register.
Maximum value for the Max convergence time is 63ms. Minimum value should be set to a
value of 2 or higher for range measurement to be successful.
1 code = 1 ms.
6.1.2
Inter-measurement period
The SYSRANGE__INTERMEASUREMENT_PERIOD {0x1b} register sets the Inter-
measurement period between each measurement when in continuous mode. The inter-
measurement period needs to be set to a value that is above the maximum allowable full
ranging cycle period. The following equations define the minimum inter-measurement
period to ensure correct operation:
Inter-measurement period*0.9 > Full ranging cycle = Max convergence time + 5ms.
Note:
{0x1b} is a 8-bit register.
A value of 0x00 for {0x1b} equals to a inter-measurement period 10ms. Each code will add
10ms to the inter-measurement period. e.g. inter-measurement period 50ms = 0x04.
6.1.3
Readout averaging period
The READOUT__AVERAGING_SAMPLE_PERIOD {0x10a} register sets the internal
readout averaging sample period. Increasing the sampling period decreases noise but
increases max convergence time and power consumption. Each code corresponds to
around 64.5µs additional processing time and there is a fixed 1.3ms of overhead during
readout.
Sampling period = 1.3ms + 64.5µs * READOUT__AVERAGING_SAMPLE_PERIOD
By default {0x10a} is set to 0x30 which will give a sampling period of 4.4ms.
6.2
Additional error checks
VL6180X has three additional system error checks which can be enabled to help filter out
invalid range results. See the VL6180X data sheet on how to set these error checks as well
as enabling and disabling them.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com