Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4545 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4545
Description  VL6180X basic ranging application note
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4545 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4545 Datasheet HTML 14Page - STMicroelectronics AN4545 Datasheet HTML 15Page - STMicroelectronics AN4545 Datasheet HTML 16Page - STMicroelectronics AN4545 Datasheet HTML 17Page - STMicroelectronics AN4545 Datasheet HTML 18Page - STMicroelectronics AN4545 Datasheet HTML 19Page - STMicroelectronics AN4545 Datasheet HTML 20Page - STMicroelectronics AN4545 Datasheet HTML 21Page - STMicroelectronics AN4545 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Device settings
AN4545
18/27
DocID026571 Rev 1
6
Device settings
6.1
Performance tuning
Changing the settings in this section can affect the performance of the overall system.
6.1.1
Max convergence time
The SYSRANGE__MAX_CONVERGENCE_TIME {0x1c} register sets an upper limit for the
max convergence time. See Figure 10.
Figure 10. System timing diagram for a signal ranging measurement
The max convergence time is made up of the convergence time and sampling period. By
default the max convergence time is set to 49ms during device power-up.
Reducing the max convergence time will reduce the maximum time a measurement will be
allowed to complete and can reduce the power consumption when no target is present. We
recommend a value of 30ms for the max convergence time as a suitable starting point.
Note:
Reducing the max convergence time will reduce the distance the VL6180X is able to range
to.
Since the max convergence time controls maximum duration of each range measurement, it
effectively controls the minimum signal rate required by the VL6180X to complete a range
measurement.
During a range measurement, the signal from the return array is counted within the
convergence time window. The VL6180X will only report an valid range when a threshold of
15360 has been reached. The minimum signal rate required for convergence is therefore
related to the Max convergence time via the following equation.
The sampling period is set to 4.4ms by default.
If the return signal from a target is lower than the minimum signal rate then the VL6180X will
return a range output of 255 and a max convergence will be flagged.
Min signal rate [cps]
15360
Max Conv time [s]
Sampling period [s]
–
---------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com