Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1685 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1685
Description  EVAL6480H and EVAL6482H: high power microstepping motor drivers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1685 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1685 Datasheet HTML 10Page - STMicroelectronics UM1685 Datasheet HTML 11Page - STMicroelectronics UM1685 Datasheet HTML 12Page - STMicroelectronics UM1685 Datasheet HTML 13Page - STMicroelectronics UM1685 Datasheet HTML 14Page - STMicroelectronics UM1685 Datasheet HTML 15Page - STMicroelectronics UM1685 Datasheet HTML 16Page - STMicroelectronics UM1685 Datasheet HTML 17Page - STMicroelectronics UM1685 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Boards description
UM1685
14/31
DocID025458 Rev 2
1.2
EVAL6482H
Figure 8. EVAL6482H - jumper and connector location
Table 6. EVAL6482H - electrical specifications
Parameter
Value
Supply voltage (VS)
10.5 to 85 V
Maximum output current (each phase)
6 Ar.m.s. at 25 °C(1)
1. Limited by the mounted sensing resistors.
External MOSFET Rds(ON)
33 m
 typical at 25 °C(2)
2. Refer to STD25NF10 datasheet for details.
Gate driver supply voltage (VCC)
7.5 V to 15 V
Logic supply voltage
3.3 V
Logic interface supply voltage
3.3 V or 5 V
Low level logic input
0 V
High level logic input
VDD(3)
3. All logic inputs are 5 V tolerant.
Operating temperature
-25 °C to +125 °C
FLAG LED
Supply management
jumpers
Phase A
connector
Phase B
connector
Master SPI
connector
Application
area
Slave SPI
connector
External switch
connector
(SW input)
ADCIN input
Power supply connector
(10.5 V - 85 V)
Supply management
connector
(VS, VSREG, VCCREG and GND)
BUSY LED
AM15181v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com