Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1685 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM1685
Description  EVAL6480H and EVAL6482H: high power microstepping motor drivers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1685 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM1685 Datasheet HTML 20Page - STMicroelectronics UM1685 Datasheet HTML 21Page - STMicroelectronics UM1685 Datasheet HTML 22Page - STMicroelectronics UM1685 Datasheet HTML 23Page - STMicroelectronics UM1685 Datasheet HTML 24Page - STMicroelectronics UM1685 Datasheet HTML 25Page - STMicroelectronics UM1685 Datasheet HTML 26Page - STMicroelectronics UM1685 Datasheet HTML 27Page - STMicroelectronics UM1685 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Device configuration
UM1685
24/31
DocID025458 Rev 2
3
Device configuration
This section offers an overview of the basic configuration steps which are required for make
the demonstration board operative. More details about the configuration of the gate driving
circuitry and the control algorithms are available in the AN4354 “L648x devices: gate drivers
setup”.
Warning:
Important - the device configuration is mandatory. The
default configuration is not operative.
Important - before changing the device configuration verify
that the device is in high impedance status (power stage is
disabled).
3.1
Voltage mode driving (EVAL6480H)
The configuration parameters of the voltage mode driving can be obtained through the
BEMF compensation tool embedded in the SPINFamily software.
A wrong setup of these parameters could cause several issues, in particular:
The phase current decreases with the speed and the motor will stall.
The wrong voltage is applied to the motor and the system is very noisy.
The phase current reaches the overcurrent limit.
The BEMF compensation form uses the application parameters as inputs in order to
evaluate the proper device setup.
The required inputs are:
Supply voltage.
Target phase current (r.m.s. value) at different motion conditions (acceleration,
deceleration, constant speed and holding).
Target operating speed (maximum speed).
Motor characteristics.
The motor characteristics are: electrical constant (Ke), phase inductance and resistance.
The inductance and the resistance of the phase are given in the motor datasheet. The Ke is
rarely given in the specification and must be measured.
In the help section of the SPINFamily software a step by step procedure is explained. The
same procedure can also be found in the application note “AN4144: Voltage mode control
operation and parameter optimization” on www.st.com.
Click on the “evaluate” button to get the suggested setup for the voltage mode driving. Then
click on “write” button to copy the data into the registers of the L6480 device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com