Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1685 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM1685
Description  EVAL6480H and EVAL6482H: high power microstepping motor drivers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1685 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM1685 Datasheet HTML 19Page - STMicroelectronics UM1685 Datasheet HTML 20Page - STMicroelectronics UM1685 Datasheet HTML 21Page - STMicroelectronics UM1685 Datasheet HTML 22Page - STMicroelectronics UM1685 Datasheet HTML 23Page - STMicroelectronics UM1685 Datasheet HTML 24Page - STMicroelectronics UM1685 Datasheet HTML 25Page - STMicroelectronics UM1685 Datasheet HTML 26Page - STMicroelectronics UM1685 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
DocID025458 Rev 2
23/31
UM1685
Evaluation environment setup
31
2
Evaluation environment setup
The evaluation environment is composed by:
One or more EVAL6480H or EVAL6482H device
One STEVAL-PCC009V2 demonstration board
A USB cable
A stepper motor with a small mechanical load (unloaded stepper motors suffer of
strong resonance issues)
A power supply with an output voltage within the operative range of the evaluation
board
A PC with a Microsoft© Windows® 7 or Windows XP operating system and with a free
USB port
The SPINFamily evaluation tool (the last version can be downloaded from the
STMicroelectronics® website).
In order to start using the evaluation environment the following steps are required:
1.
Install the SPINFamily evaluation tool.
2.
Start the SPINFamily evaluation tool (by default it is in Start menu > All programs >
STMicroelectronics > SPINFamily Evaluation Tool).
3.
Select the proper device when requested by the application.
4.
Plug the STEVAL-PCC009V2 demonstration board to a free USB port.
5.
Wait a few seconds for board initialization.
6.
Connect the SPI_IN connector (black) of the demonstration board to the 10-pin
connector of the STEVAL-PCC009V2 board using the provided cable.
For connecting more devices to the same board, please consult Section 6: Daisy
chaining on page 29.
7.
Power up the demonstration boards. The FLAG LED should turn on.
8.
Click on the button with the USB symbol to connect the STEVAL-PCC009V2 board to
the PC and initialize the evaluation environment.
The application automatically identifies the number of demonstration boards
connected.
9.
The evaluation environment is ready.
Before start working with the demonstration board, the device must be configured according
to the indications described in Section 3: Device configuration.
Warning:
Important - the device configuration is mandatory. The
default configuration is not operative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com