Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1685 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM1685
Description  EVAL6480H and EVAL6482H: high power microstepping motor drivers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1685 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM1685 Datasheet HTML 23Page - STMicroelectronics UM1685 Datasheet HTML 24Page - STMicroelectronics UM1685 Datasheet HTML 25Page - STMicroelectronics UM1685 Datasheet HTML 26Page - STMicroelectronics UM1685 Datasheet HTML 27Page - STMicroelectronics UM1685 Datasheet HTML 28Page - STMicroelectronics UM1685 Datasheet HTML 29Page - STMicroelectronics UM1685 Datasheet HTML 30Page - STMicroelectronics UM1685 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
DocID025458 Rev 2
27/31
UM1685
Sensing resistors of the EVAL6482H
31
4
Sensing resistors of the EVAL6482H
The output current range of the board is determined by the sensing resistors as indicated in
Equation 2 and Equation 3:
Equation 2
Ipeak,min = 7.8 mV / Rsense
Equation 3
Ipeak,max = 1 V / Rsense
Where 7.8 mV and 1 V are the minimum and the maximum value of the TVAL registers.
However the actual output current is usually limited by the power rating of the sensing
resistors:
Equation 4
Note:
The power rating of the sensing resistor determining the maximum output current is 50% of
the nominal one.
If the operative range resulting from the sensing resistors which are mounted on the board
is not suitable for the application, it is possible to change these components in order to fit the
requirements.
The sensing resistors should make the current control to operate with a peak reference
voltage between 0.2 and 0.1 volts. This way the power dissipation on the sensing resistor is
not excessive and the offset of the sensing circuitry does not affect the performance of the
current control algorithm.
Equation 5
Rsense = 0.2 V / Ipeak
Iout limit
Pdmax
Rsense
------------------
=
(r.m.s. value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com