Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1685 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM1685
Description  EVAL6480H and EVAL6482H: high power microstepping motor drivers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1685 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM1685 Datasheet HTML 23Page - STMicroelectronics UM1685 Datasheet HTML 24Page - STMicroelectronics UM1685 Datasheet HTML 25Page - STMicroelectronics UM1685 Datasheet HTML 26Page - STMicroelectronics UM1685 Datasheet HTML 27Page - STMicroelectronics UM1685 Datasheet HTML 28Page - STMicroelectronics UM1685 Datasheet HTML 29Page - STMicroelectronics UM1685 Datasheet HTML 30Page - STMicroelectronics UM1685 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
DocID025458 Rev 2
29/31
UM1685
Daisy chaining
31
6
Daisy chaining
More demonstration boards can be connected in daisy chain mode.
To drive two or more boards in daisy chain configuration:
1.
Connect the STEVAL-PCC009V2 board 10-pin connector to the SPI_IN connector of
the first demonstration board through the 10-pole flat cable.
2.
Open the termination jumper (see Section 1.1: EVAL6480H on page 5 and Section 1.2:
EVAL6482H on page 14).
3.
Connect the SPI_OUT connector of the first demonstration board to the SPI_IN of the
next one through the 10-pole flat cable.
4.
Repeat point 2 and 3 for all the others board of the chain but the last one.
5.
Check the termination jumpers of the demonstration boards: all the jumpers but the last
one should be opened.
Note:
Increasing the number of devices connected in chain could degrade SPI communication
performances. If communication issues occur, try to reduce the SPI clock speed.
Table 13. VDD supply configurations
Configuration
JP5
JP6
VDD range
Notes
Supplied by VREG
Closed
Open
3.3 V
Default, 3.3 V logic.
Supplied by SPI
connectors
Open
Closed
3.3 V or 5 V
3.3 V when connected to the STEVAL-PCC009V2
Supplied by VDD test
point
Open
Open
3.3 V or 5 V
Must be 3.3 V if connected to the STEVAL-PCC009V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com