Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1685 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM1685
Description  EVAL6480H and EVAL6482H: high power microstepping motor drivers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1685 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM1685 Datasheet HTML 23Page - STMicroelectronics UM1685 Datasheet HTML 24Page - STMicroelectronics UM1685 Datasheet HTML 25Page - STMicroelectronics UM1685 Datasheet HTML 26Page - STMicroelectronics UM1685 Datasheet HTML 27Page - STMicroelectronics UM1685 Datasheet HTML 28Page - STMicroelectronics UM1685 Datasheet HTML 29Page - STMicroelectronics UM1685 Datasheet HTML 30Page - STMicroelectronics UM1685 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
How to change the supply configuration of the board
UM1685
28/31
DocID025458 Rev 2
5
How to change the supply configuration of the board
The configuration of the supply voltages can be changed through the jumpers from J1 to J6
as listed in Table 11, Table 12 and Table 13.
Note:
When the VCC voltage of 7.5 V is used, the charge pump diodes should be replaced with
low-drop ones (suggested part BAR43SFILM). Otherwise the resulting boot voltage could
be lower than the respective UVLO threshold and the device is not operative.
When the VSREG pin is not shorted to the VS (JP1 is open) particular care must be taken in
order to avoid that the VBOOT voltage falls below the VSREG one (e.g. VS is floating and
VSREG is supplied). In this case the internal ESD diode is turned on and the device could
be damaged.
Adding a low drop diode between the VSREG and VS protects the internal ESD diode from
this event (the diodes of the charge pump must also be low drop type).
When the VCCREG pin is not shorted to the VCC (JP3 is open) particular care must be
taken in order to avoid that the VCC voltage falls below the VCCREG one. In this case the
internal ESD diode is turned on and the device could be damaged.
Adding a low drop diode between the VCCREG and VCC protects the internal ESD diode
from this event.
Table 11. VCC supply configurations
Configuration
JP1
JP2
VSREG range
Notes
Internally generated from
VS
Closed
Open
VCC + 3 V ÷ 85 V
Default.
VCC value is determined by the internal regulator
configuration.
Internally generated from
a voltage source different
from VS
Open
Open
VCC + 3 V ÷ VS
VCC value is determined by the internal regulator
configuration.
External protection diode could be required
(see following text below table).
Externally supplied
(equal to VSREG)
Open
Closed
7.5 V ÷ 15 V
External protection diode could be required
(see following text below table).
Table 12. VREG supply configurations
Configuration
JP3
JP4
VCCREG range
Notes
Internally generated from
VCC
Closed Open
VCC
Default.
Internally generated from
a voltage source different
from VCC
Open
Open
6.3 V ÷ VCC
External protection diode could be required
(see following text below table).
Externally supplied
(equal to VCCREG)
Open Closed
3.3 V
External protection diode could be required
(see following text below table).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com