Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN392 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN392
Description  Microcontrollers and TRIAC-based dimmers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN392 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN392 Datasheet HTML 2Page - STMicroelectronics AN392 Datasheet HTML 3Page - STMicroelectronics AN392 Datasheet HTML 4Page - STMicroelectronics AN392 Datasheet HTML 5Page - STMicroelectronics AN392 Datasheet HTML 6Page - STMicroelectronics AN392 Datasheet HTML 7Page - STMicroelectronics AN392 Datasheet HTML 8Page - STMicroelectronics AN392 Datasheet HTML 9Page - STMicroelectronics AN392 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Light dimmer
AN392
6/11
Doc ID 1863 Rev 2
2.2
Operation with a transformer
Low power halogen spots use low voltage lamps (12 V typ.) usually supplied through a low
voltage transformer. For good application performance, the MCU program should ensure the
following:
●
At start-up, the delay time between the first gate pulse and the synchronization instant
is greater than 5 ms. This limits transformer coil induction and the risk of saturation with
associated high peak current.
●
The circuit starts on a positive line half cycle and stops on a negative one. Thus it starts
with positive induction and stops after negative induction has been applied. This helps
to minimize the size of the magnetic core material, and the current rating of the TRIAC.
●
The timer is precisely tuned in order to obtain 8.3 ms (for 60 Hz) or 10 ms (for 50 Hz)
delay between two gate pulses. As a result, the TRIAC is driven symmetrically in both
half cycles so that DC voltage content is avoided across the transformer terminals.
Saturation risk is then also reduced here. Otherwise, the voltage across the TRIAC is
monitored to detect a spurious open load condition at the secondary of the transformer.
●
The inrush current at lamp switch-on (halogen or incandescent) is also reduced due to
the soft start feature of the circuit (Figure 6).
2.3
TRIAC drive
The TRIAC is directly driven by the MCU. The pulse driving the TRIAC lasts 50 µs. The logic
level TRIAC is driven in quadrants QII and QIII with a gate current of 20 mA provided by two
I/O lines of the ST6210 in parallel. The logic level TRIAC has a maximum specified gate
triggering current of 10 mA at 25 °C.
The TRIAC is multi-pulse driven. Therefore, inductive loads can be driven without the use of
long pulse drives. As a result, the consumption on the +5 V supply can be reduced and the
supply circuit components are downsized. Before supplying the first drive pulse, the TRIAC
voltage is tested. If no voltage is detected, a spurious open load or a supply disconnection is
assumed to have occurred and the circuit is stopped. After the first driving pulse, the TRIAC
voltage is monitored. If the TRIAC is not on, another pulse is sent. The same process can be
repeated up to four times. Then, if the TRIAC is still not on, the circuit is switched off.
2.4
Circuit components
The light dimmer board (Figure 4) is almost the same as the motor drive board (Figure 2).
The major differences concern the point where the voltage is measured and the TRIAC
choice. When the board is dimming a resistive load, an RFI filter should be added to limit the
conducted noise.
In a dimmer, because of the resistive load, dynamic constraints are lower than in a motor
control, so a logic level TRIAC (BTA08-600SW) can be used. It is a sensitive TRIAC
(IGT < 10 mA) which can be triggered in quadrants I, II and III. This TRIAC has high
switching capabilities ((dI/dt)c > 2.98 A/ms, (dV/dt)c > 10 V/ms). Thus it can also operate
without any snubber across it.
The MCU board in Figure 4 is supplied only when the TRIAC is off. A minimum off-time of
the TRIAC (1.7 ms/60 Hz and 2 ms/50 Hz) is necessary to ensure a good VDD level. The
RCD circuit is the same as the one used for the board in Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com