Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN392 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN392
Description  Microcontrollers and TRIAC-based dimmers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN392 Datasheet(HTML) 4 Page - STMicroelectronics

  AN392 Datasheet HTML 1Page - STMicroelectronics AN392 Datasheet HTML 2Page - STMicroelectronics AN392 Datasheet HTML 3Page - STMicroelectronics AN392 Datasheet HTML 4Page - STMicroelectronics AN392 Datasheet HTML 5Page - STMicroelectronics AN392 Datasheet HTML 6Page - STMicroelectronics AN392 Datasheet HTML 7Page - STMicroelectronics AN392 Datasheet HTML 8Page - STMicroelectronics AN392 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Universal motor drive
AN392
4/11
Doc ID 1863 Rev 2
1.4
Software
All operating features are contained in a 700 byte program. So more than 1 byte of ROM is
available for additional features.
A look-up table relating delay time to the power requirement contains 64 different levels. The
conduction time of the TRIAC can vary from 1.7 ms to 6.7 ms for a 60 Hz application and
from 2 ms to 8 ms to a 50 Hz application. The user can easily adjust the minimum and
maximum power levels because the corresponding delay times are slowly changing at the
top and bottom of the table.
It is recommended that all MCU inputs be filtered so that an input is validated only if it
remains constant for 15 s or more so that passive filter components can be saved. The
mains supply carries disturbances (glitches, telecommand signals, ...) which could disturb
the TRIAC drive. For this reason, a mains voltage zero crossing is only validated if it occurs
during a window of time (1.7 ms each 16.6 ms for 60 Hz operation and 2 ms each 200 ms for
50 Hz operation) selected by the internal timer of the MCU. This block acts as a filter and
again eliminates external components (Figure 3).
This circuit can be used in the following applications:
●
Vacuum regulation in a vacuum cleaner
●
Speed control in a food processor
●
Speed regulation with torque limiting in a drill
●
Unbalance detection in a washing machine
●
Washing machine door opener with remote control
Figure 3.
Major steps of the software
Line synchronization
Sensor acquisition
Power level requirement
Delay time td1 in timer
Calculation next delay
TRIAC firing
Delay time td2 in timer
Calculation next delay
Read version
Initialization
TRIAC firing
Window for zero
crossing mains
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com