Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN392 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN392
Description  Microcontrollers and TRIAC-based dimmers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN392 Datasheet(HTML) 3 Page - STMicroelectronics

  AN392 Datasheet HTML 1Page - STMicroelectronics AN392 Datasheet HTML 2Page - STMicroelectronics AN392 Datasheet HTML 3Page - STMicroelectronics AN392 Datasheet HTML 4Page - STMicroelectronics AN392 Datasheet HTML 5Page - STMicroelectronics AN392 Datasheet HTML 6Page - STMicroelectronics AN392 Datasheet HTML 7Page - STMicroelectronics AN392 Datasheet HTML 8Page - STMicroelectronics AN392 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AN392
Universal motor drive
Doc ID 1863 Rev 2
3/11
Figure 2.
Motor drive circuit diagram
1.3
Circuit components
The MCU chosen (ST6210) includes an 8 bit accumulator, 2 k ROM, 64 bytes RAM, an 8 bit
A/D converter that can be connected to 8 different inputs, 4 I/O lines with 40 mA sink current
capability and a timer. Hysteresis protection is included in series with each I/O pin. The
ST6210 is packaged in DIL or SMD packages. The ports, the timer and interrupt
configurations can be chosen by software, providing high flexibility. The ST6210 has been
designed to operate in very disturbed environments. Each I/O line contains internal diodes
which clamp the input voltage between Vdd and Vss. These diodes are sized to withstand a
continuous current of 1 mA (typ.).
The snubberless TRIAC (BTA 16-600CW) has been specially designed to drive loads which
generate very strong dynamic constraints such as a vacuum cleaner motor. This TRIAC can
be triggered in quadrants QI, QII or QIII with gate and latching current of 35 mA and 80 mA
respectively. In this application it is driven by three I/O lines of the ST6210 in parallel. This
TRIAC has high current switching capability ((dI/dt)c > 8.5 A/ ms and 5.5 A/ms for
BTA10600CW), and high static dv/dt ((dV/dt) > 500 V/ms). So, in this circuit, it can operate
without any snubber.
Total consumption of the board is 3 mA with an 8 MHz oscillator. The board supply comes
from the mains through a simple RCD circuit. The +5 V is referred to anode 1 of the TRIAC
in order to provide the negative gate current necessary to drive the TRIAC in quadrants QII
and QIII. The 5 V supply capacitance is connected as near as possible to the MCU with very
short interconnecting traces to maximize RFI immunity.
The touch sensor is a voltage divider between line and neutral. It works only if the +5 V
supply input of the circuit is connected to the line. This connection to the mains must be
ensured according to local electrical safety rules.
5.6 V
1N4148
100 uF/10 V
22 pF
22 pF
BTA16-600CW
1M
820-1/2W
4.7 M
4.7 M
4.7 M
47
220 nF/400 V
Fuse
Potentiometer
Version
Push button
1
2
8 MHz
VPP
6
PB1
14
PB0
15
VSS
20
NMI
5
PA1
18
PA2
17
PA3
16
PB3
12
RESET
7
PB4
11
PB2
13
PA0
19
ST6210
5.6 V
1N4148
-
1M
820-1/2W
47
Fuse
1
2
8 MHz
VPP
6
PB1
14
PB0
15
VSS
20
NMI
5
PA1
18
PA2
17
PA3
16
PB3
12
RESET
7
PB4
11
PB2
13
PA0
19
ST6210
GND
GND
GND
GND
GND
GND
GND
Optional
user interface
Neutral
Load
Line
+5 V
+5 V
+5 V
Touch sensor
10 nF
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com