Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN392 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN392
Description  Microcontrollers and TRIAC-based dimmers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN392 Datasheet(HTML) 2 Page - STMicroelectronics

  AN392 Datasheet HTML 1Page - STMicroelectronics AN392 Datasheet HTML 2Page - STMicroelectronics AN392 Datasheet HTML 3Page - STMicroelectronics AN392 Datasheet HTML 4Page - STMicroelectronics AN392 Datasheet HTML 5Page - STMicroelectronics AN392 Datasheet HTML 6Page - STMicroelectronics AN392 Datasheet HTML 7Page - STMicroelectronics AN392 Datasheet HTML 8Page - STMicroelectronics AN392 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Universal motor drive
AN392
2/11
Doc ID 1863 Rev 2
1
Universal motor drive
1.1
Power control
The power device is a TRIAC because it is the most economical online switch. In a TRIAC-
based controller the output power, and, for example, the motor speed, are controlled by the
phase delay of the TRIAC drive. This delay is referred to the zero crossing of the line voltage
which is detected by means of a connection to the mains neutral (Figure 1). Changing
operation from 60 Hz to 50 Hz can be achieved by making simple modifications to the MCU
EPROM/ROM table defining the TRIAC conduction angle versus power level. Automatic
selection of the 50 Hz/ 60 Hz tables can be implemented.
The TRIAC can be directly driven by the MCU. A very short gate current pulse (~ 100 µs)
could be enough to trigger the TRIAC for rms load currents above 2 A. Such pulse control
allows the low voltage MCU power supply consumption to be reduced. The snubberless
TRIAC is driven in quadrants QII and QIII with a 60 mA gate current provided by three I/O
bits of the ST6210 in parallel. This pulse is sufficiently long to ensure the TRIAC is latched at
the end of the pulse. Pulse length can be modified if another TRIAC or motor is used.
Figure 1.
Mains synchronization
1.2
User interfaces
Different user interfaces can be implemented - a touch control, a push button or a
potentiometer. The circuit diagram in Figure 2 show that the three modes are implemented
on the board to let the system designer choose the preferred user interface.
Control action is obtained when the sensor or the button is touched for more than 330 ms. If
the touch duration is between 50 ms and 330 ms, the circuit is switched on or off. A contact
of less than 50 ms causes no action.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com