Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN392 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN392
Description  Microcontrollers and TRIAC-based dimmers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN392 Datasheet(HTML) 5 Page - STMicroelectronics

  AN392 Datasheet HTML 1Page - STMicroelectronics AN392 Datasheet HTML 2Page - STMicroelectronics AN392 Datasheet HTML 3Page - STMicroelectronics AN392 Datasheet HTML 4Page - STMicroelectronics AN392 Datasheet HTML 5Page - STMicroelectronics AN392 Datasheet HTML 6Page - STMicroelectronics AN392 Datasheet HTML 7Page - STMicroelectronics AN392 Datasheet HTML 8Page - STMicroelectronics AN392 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AN392
Light dimmer
Doc ID 1863 Rev 2
5/11
2
Light dimmer
For a light dimmer application, the board can be plugged in series with the line wire like a
mechanical switch. The line synchronization and the auxiliary supply are obtained from the
voltage across the TRIAC (Figure 4).
Figure 4 shows a schematic which can operate either on 110 V or 240 V mains. It uses an
MCU ST6210 and a logic level TRIAC. This circuit drives halogen or incandescent lamps
supplied directly from the mains or through a low voltage transformer. It includes soft start
and protection against transformer saturation and against open load. The user interfaces
are the same as previously presented.
Figure 4.
Light dimmer circuit diagram
2.1
Power control
Power is controlled by the phase delay (td) of the TRIAC drive. In the previous design, td is
referred to the zero crossing of the line voltage. To avoid a connection to the mains neutral
as the circuit is in series with the load, the trigger delay is referred to the zero crossing of the
current (see Figure 1). When the TRIAC anode current reaches zero, the mains voltage is
reapplied across the TRIAC. Synchronization is achieved by measuring this voltage. This
voltage is monitored over each half cycle with a network of resistances connected to two I/O
lines of the ST6210. This allows detection of spurious open load and the retriggering of the
TRIAC with multipulse operation if it is not latched after the first gate current pulse.
5.6 V
1N4148
100 uF/10 V
22 pF
22 pF
BTA08 -600SW
820-1/2W
4.7 M
4.7 M
4.7 M
100
220 nF/400 V
Fuse
Potentiometer
Version
Push button
1
2
8 MHz
VPP
6
PB1
14
PB0
15
VSS
20
NMI
5
PA1
18
PA2
17
PA3
16
PB3
12
RESET
7
PB4
11
PB2
13
PA0
19
ST6210
5.6 V
1N4148
BTA08 -600SW
820-1/2W
100
Fuse
1
2
8 MHz
VPP
6
PB1
14
PB0
15
VSS
20
NMI
5
PA1
18
PA2
17
PA3
16
PB3
12
RESET
7
PB4
11
PB2
13
PA0
19
ST6210
GND
GND
GND
GND
GND
GND
GND
Optional
user interface
Neutral
Line
+5 V
+5 V
+5 V
Touch sensor
PB5
100k
+5 V
200k
200k
GND
22k
T?
Trans
100k
12 V
10 nF
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com