Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN392 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN392
Description  Microcontrollers and TRIAC-based dimmers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN392 Datasheet(HTML) 1 Page - STMicroelectronics

  AN392 Datasheet HTML 1Page - STMicroelectronics AN392 Datasheet HTML 2Page - STMicroelectronics AN392 Datasheet HTML 3Page - STMicroelectronics AN392 Datasheet HTML 4Page - STMicroelectronics AN392 Datasheet HTML 5Page - STMicroelectronics AN392 Datasheet HTML 6Page - STMicroelectronics AN392 Datasheet HTML 7Page - STMicroelectronics AN392 Datasheet HTML 8Page - STMicroelectronics AN392 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
April 2009
Doc ID 1863 Rev 2
1/11
AN392
Application note
Microcontrollers and TRIAC-based dimmers
Introduction
Today, electronics is used in home appliances for applications as widely varying as motor
regulation in a washing machine, control of a vacuum cleaner, dimming of a lamp or heating
in a coffee machine. This evolution has increased pace rapidly because appliances require
enhanced features that are easy to build and modify while electronics-based solutions
become cheaper and more sophisticated.
Within this evolution, microcontrollers (MCU) progressively replace analog controllers and
discrete solutions even in low cost applications. MCUs are more flexible, often need less
components and provide shorter time to market. With an analog IC, the designer is limited to
a fixed function frozen inside the device. With a DIAC control, features like sensor feedback
or enhanced motor drive cannot be easily implemented. With an MCU the designer can
include his own ideas and test them directly using EPROM or one time programmable (OTP)
versions.
The TRIAC is the least expensive power switch to operate directly on the 110/240 V mains.
Thus it is the optimal switch for most of the low-cost power applications operating online.
The logic level or snubberless TRIACs can operate with low gate current and can be directly
triggered by the MCU.
This application note describes two different MCU based applications: a universal motor
drive, and a light dimmer. They all operate with the same user interfaces and almost the
same software and hardware.
www.st.com


Similar Part No. - AN392

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN39 PANASONIC-AN39 Datasheet
83Kb / 9P
Electronic volume IC for HiFi VCR
logo
QT Optoelectronics
AN39 QT-AN39 Datasheet
404Kb / 4P
0.300-INCH SEVEN SEGMENT DISPLAYS
logo
Fairchild Semiconductor
AN39 FAIRCHILD-AN39 Datasheet
658Kb / 9P
0.300-INCH SEVEN SEGMENT DISPLAYS
logo
STMicroelectronics
AN390 STMICROELECTRONICS-AN390 Datasheet
397Kb / 17P
AVS kit guidelines
09-Jan-2015
logo
Panasonic Semiconductor
AN3900NSC PANASONIC-AN3900NSC Datasheet
290Kb / 5P
Stereo Audio PLL IC for 8-mm Video Camera
More results

Similar Description - AN392

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7A2 ATMEL-AT91SAM7A2 Datasheet
141Kb / 15P
ARM Thumb - based Microcontrollers
AT91SAM7XC128 ATMEL-AT91SAM7XC128 Datasheet
482Kb / 38P
Thumb-based Microcontrollers
AT91SAM7XC512 ATMEL-AT91SAM7XC512 Datasheet
675Kb / 45P
ARM Thumb-based Microcontrollers
AT91SAM7SE512 ATMEL-AT91SAM7SE512 Datasheet
7Mb / 47P
Thumb-based Microcontrollers
AT91SAM7XC256 ATMEL-AT91SAM7XC256 Datasheet
7Mb / 675P
Thumb-based Microcontrollers
AT91SAM7XC256 ATMEL-AT91SAM7XC256_05 Datasheet
480Kb / 38P
Thumb-based Microcontrollers
AT91SAM9G45 ATMEL-AT91SAM9G45_14 Datasheet
377Kb / 10P
Thumb-based Microcontrollers
SAMC21E ATMEL-SAMC21E Datasheet
8Mb / 1201P
SMART ARM-Based Microcontrollers
SAMR21 ATMEL-SAMR21 Datasheet
4Mb / 31P
SMART ARM-based Microcontrollers
ATSAME70-XPLD ATMEL-ATSAME70-XPLD Datasheet
4Mb / 58P
SMART ARM-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com