Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN413 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN413
Description  Initialization of the ST9
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN413 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN413 Datasheet HTML 3Page - STMicroelectronics AN413 Datasheet HTML 4Page - STMicroelectronics AN413 Datasheet HTML 5Page - STMicroelectronics AN413 Datasheet HTML 6Page - STMicroelectronics AN413 Datasheet HTML 7Page - STMicroelectronics AN413 Datasheet HTML 8Page - STMicroelectronics AN413 Datasheet HTML 9Page - STMicroelectronics AN413 Datasheet HTML 10Page - STMicroelectronics AN413 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
AN413
ST9 basic system configuration
Doc ID 1875 Rev 2
7/45
.word ADC_EOC
.
ADC_WDG:
; Code for the Analog Watchdog Routine is included here
; Note that in the example in Appendix B
; the System Reset routine is invoked for out of
; range conditions on Channels 6 and 7
.
iret
ADC_EOC:
; End of A/D conversion interrupt routine included here
iret
3.2
Port initialization
The ST9 has up to a maximum of 64 lines dedicated to input/output. These lines, grouped
into eight 8-bit ports, can be independently programmed to provide parallel input/outputs
with or without handshake or may be used to connect in/out signals to/from the peripherals
(e.g. Core, Timers, SCI units, etc.) present on the chip. The functional allocation of the Ports
to support system tasks may be summarized as follows:
Ports 0, 1, and 6 are automatically initialized on system Reset to correspond to the installed
on-chip memory.
Ports 2, 3, 4, 5, 6, and 7 need to be initialized (if available) to satisfy the specific application
requirements
Table 2.
Port functional allocations
Port
Functions
0
Usable as I/O Port (without handshake) or as multiplexed low-address and data
lines for external memory.
1
Usable as I/O Port (without handshake) or as high-address lines for external
memory.
2
Usable as I/O Port (without handshake) or for SPI functions; Also INT1, INT2, and
INT3 inputs.
3
Usable as I/O Port (without handshake) or for Timer functions.
4
Usable as I/O Port (with or without handshake)
5
Usable as I/O Port (with or without handshake).
6
Usable as I/O Port (without handshake)
7
Usable as I/O Port (without handshake) or for SCI functions. Also used for INT4,
INT5, and INT6 inputs or for Control signals for slow external memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com