Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN413 Datasheet(PDF) 43 Page - STMicroelectronics

Part # AN413
Description  Initialization of the ST9
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN413 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button AN413 Datasheet HTML 37Page - STMicroelectronics AN413 Datasheet HTML 38Page - STMicroelectronics AN413 Datasheet HTML 39Page - STMicroelectronics AN413 Datasheet HTML 40Page - STMicroelectronics AN413 Datasheet HTML 41Page - STMicroelectronics AN413 Datasheet HTML 42Page - STMicroelectronics AN413 Datasheet HTML 43Page - STMicroelectronics AN413 Datasheet HTML 44Page - STMicroelectronics AN413 Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
AN413
Examples of watchdog/timer configurations
Doc ID 1875 Rev 2
43/45
Appendix F
Examples of watchdog/timer configurations
;*********************************************************************
;INIT_WDT: This procedure initializes and starts Watchdog Timer.
;
; Watchdog mode is disabled.
; Timer will down count in continuous mode.
; It will generate an interrupt on channel A0 at each End Of Count.
; —- See the external interrupt parameters initialization.
;*********************************************************************
proc INIT_WDT {
spp #WDT_PG
; To access in paged registers with r.
ld wcr,#wden
; watch dog mode dis., no wait states.
clr wdtpr
; 333 ns(sys.clock=12 MHz) min. count,
; prescaler = 0.
ldw WDTR,#3003
; (3003 X 333) ns = 1 ms.
or wdtcr,#stsp
; Timer starts down counting.
; Continuous mode.
; Watch Dog disabled.
; Input section disabled.
; Output disabled.
; Interrupt A0 on Timer EOC.
; Top Level Interrupt on SW TRAP.
};—- End of proc.
;****************************************
;*Interrupt on channel A0 initialization*
;****************************************
spp #WDT_PG
srp #BK_F
; page 0 reg. direct addressing mode.
clr eipr
; Dis. all external int. pending bits.
nop
; See WARNING (Tech. manual-Chap. 8).
ld eivr,#EXT_IT_VECT ; External interrupt vector.
; IAOS - TLIS = 00 = ...
; ... A0 int. will be on WDT End Of Count.
ld eiplr,#0FEh
; Priority level: group INTA0,INTA1 = 4,5.
ld eimr,#ia0sm
; Unmask Interrupt A0 channel
; (WDT End Of Count).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com