Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN413 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN413
Description  Initialization of the ST9
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN413 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN413 Datasheet HTML 21Page - STMicroelectronics AN413 Datasheet HTML 22Page - STMicroelectronics AN413 Datasheet HTML 23Page - STMicroelectronics AN413 Datasheet HTML 24Page - STMicroelectronics AN413 Datasheet HTML 25Page - STMicroelectronics AN413 Datasheet HTML 26Page - STMicroelectronics AN413 Datasheet HTML 27Page - STMicroelectronics AN413 Datasheet HTML 28Page - STMicroelectronics AN413 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
AN413
Examples of ST9 peripheral configurations
Doc ID 1875 Rev 2
25/45
Appendix B
Examples of ST9 peripheral configurations
. sbttl “ ST9030 registers addresses and contents ”
. include “c:\st9\bin\symbols.inc”
; The reader should refer to the file containing the
; declaration of all the bits and registers of the ST9030
; for the symbols used in the following listing.
;
; .nlist
;*****************************************************************
;* This program demonstrates the configuration of ST9 peripherals*
;*****************************************************************
;**********************
;*RAM Declaration*
;**********************
prescal_t0 := r2
; Value of Timer 0 Prescaler
val_capt_t0 := rr4
; Value of Timer 0 Capture register
nb_event_t0 := rr4
; Number of Timer 0 event
lg_dma := rr6
; Length of DMA
CPT_AD_DMA := RR8
; DMA Address Register
CPT_LG_DMA := RR8
; DMA Counter Register
ad_conv := r3
; conversion start address
IT_T0_LEVEL = 4
; Timer 0 priority level
IT_CAD_LEVEL = 6
; A/D converter priority level
;****************************
;*INTERRUPT VECTOR ADDRESSES*
;****************************
CORE_IT_VECT := 00h
; Core interrupt vectors
T0_IT_VECT := 10h
; Timer 0 interrupt vectors
EXT_IT_VECT := 20h
; External interrupt vectors
ADC_IT_VECT := 30h
; A/D Converter interrupt vectors
SCI_IT := 40h
; SCI interrupt vector
;*******************
;*STACK Declaration*
;*******************
SSTACK := 223
; System stack address group D C
USTACK := 191
; User stack address group B
;********************



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com