Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN413 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN413
Description  Initialization of the ST9
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN413 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN413 Datasheet HTML 10Page - STMicroelectronics AN413 Datasheet HTML 11Page - STMicroelectronics AN413 Datasheet HTML 12Page - STMicroelectronics AN413 Datasheet HTML 13Page - STMicroelectronics AN413 Datasheet HTML 14Page - STMicroelectronics AN413 Datasheet HTML 15Page - STMicroelectronics AN413 Datasheet HTML 16Page - STMicroelectronics AN413 Datasheet HTML 17Page - STMicroelectronics AN413 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
ST9 basic system configuration
AN413
14/45
Doc ID 1875 Rev 2
F5 07 0F ld R#NUM_TDCP,#(LNG_DMA_SCI)
F5 06 00 ld R#NUM_TDAP,#(DEPART_DMA_SCI)
In this program sequence the DMA transaction counter and Address Pointer register
addresses are defined to be R7 and R6 respectively. These two registers are initialized for a
block of size 15 bytes starting at register address A0, i.e. R160.
3.8
Timer/watchdog unit configuration
Configuration of the Timer/Watchdog requires loading of the 6 registers listed in Table 13,
Appendix A.
The Timer/Watchdog Control Register, WDTCR, contains a start/stop bit, and is also used
to select input, output, and counter modes, as well as input and output enable bits.
Example:
BC 80 ld wdtcr,#80h
In this example the Timer starts counting down in continuous mode, and the input and
output sections are disabled.
The Wait Control Register, WCR, as well as specifying the number of wait states for access
to off-chip program and data memory enables the Watchdog function.
Example:
CC 40 ld wcr,#wden
In this example the Watchdog action is disabled, and the number of wait states are set to
zero.
The External Interrupt Vector Register, EIVR, contains a bit, TLIS, which is used to control
the Top Level Interrupt source (Timer/Watchdog EOC or External NMI). A second bit IAOS
is used to select the Timer/Watchdog as an interrupt source on channel A0 (INT0). This
register is also used to supply the 4 most significant bits of the External Interrupt Vector.
Example:
6C 20 ld eivr,#EXT_IT_VECT
In this example the Timer/Watchdog EOC generates an interrupt on channel A0 at each End
of Count. The Top Level Interrupt is isolated from the NMI input and may be used for a
Software Trap.
The Timer/Watchdog Prescaler Register, WDTPR, contains an 8-bit value which is loaded
into the Prescaler register.
Example:
90 DA clr wdtpr
The specified Prescaler value of zero leads to a minimum timer count period of 333ns,
assuming a system clock running at 12MHz.
The Timer/Watchdog High Register, WDTHR, and Timer/Watchdog Low Register, WDTLR,
together contain a 16-bit value which is loaded into the counter at each End of Count.
Example:
BF F8 0B BB ldw WDTR,#3003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com