Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN413 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN413
Description  Initialization of the ST9
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN413 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN413 Datasheet HTML 7Page - STMicroelectronics AN413 Datasheet HTML 8Page - STMicroelectronics AN413 Datasheet HTML 9Page - STMicroelectronics AN413 Datasheet HTML 10Page - STMicroelectronics AN413 Datasheet HTML 11Page - STMicroelectronics AN413 Datasheet HTML 12Page - STMicroelectronics AN413 Datasheet HTML 13Page - STMicroelectronics AN413 Datasheet HTML 14Page - STMicroelectronics AN413 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
AN413
ST9 basic system configuration
Doc ID 1875 Rev 2
11/45
Please note that before enabling any A/D conversion, it is mandatory to set the low bit of
Control Logic Register at least 60ms before the first conversion start. This is in order to
correctly bias the analog section of the converter.
The Interrupt Vector Register, IVR, defines the most significant 6 bits of the vector table byte
address. It thus points to the first of two word addresses which correspond to the analog
watchdog and End of conversion interrupt routines.
Example:
F5 FF 32 ld AD_IVR,#ADC_ITEOC_VECT
In this example, an address of 50 (decimal) is loaded into IVR. Hence a subsequent A/D
convertor EOC interrupt will cause a Vector Table access at location 50.
The Interrupt Control Register, ICR, contains the priority level specification, the two source
interrupt flags (Analog Watchdog and EOC) and their individual masking bits.
Example:
F5 FE 20 ld AD_ICR,#00100000b
05 FE 20 or AD_ICR,#00000110b
In this example, the priority level is first set at 0, End of Conversion interrupts are enabled,
and the Analog Watchdog interrupt is masked. The second instruction then sets the priority
to a level of 6.
If the Analog Watchdog is enabled (bit 6 in ICR) it will be necessary to load the threshold
registers for channels 6 and 7. In this case access will be made in the interrupt routine to
register CRR.
The Compare Result Register, CRR, contains 4 flags showing the results of comparison
operations between the current values of data registers 6 and 7, and the upper and lower
threshold registers.
3.6
SCI unit configuration
The list of registers to be initialized when configuring the SCI unit is given in Table 11. The
functions of these registers, and some illustrative examples of their use, are as follows:
The Character Configuration Register, CHCR, is used to define the serial frame format.
Example:
AC E3 ld S_CHCR,#E3h
This example defines a serial frame as follows: 8 data bits, 1 stop bit, even parity, and
address input if the character matches the contents of the Address Register.
The Clock Configuration Register, CLCR, is used to specify the transmitter, receiver, and
Baud Rate clock sources, and the clock divisor ratio. It also enables Auto Echo and
Loopback test modes.
Example:
BC 80 ld s_clcr,#txclk
In this example, the Transmitter and Receiver clocks are provided by the Baud Rate
Generator. Each data bit period will be 16 clock periods (asynchronous mode), and the Auto
Loop and Loopback modes are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com