Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN413 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN413
Description  Initialization of the ST9
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN413 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN413 Datasheet HTML 28Page - STMicroelectronics AN413 Datasheet HTML 29Page - STMicroelectronics AN413 Datasheet HTML 30Page - STMicroelectronics AN413 Datasheet HTML 31Page - STMicroelectronics AN413 Datasheet HTML 32Page - STMicroelectronics AN413 Datasheet HTML 33Page - STMicroelectronics AN413 Datasheet HTML 34Page - STMicroelectronics AN413 Datasheet HTML 35Page - STMicroelectronics AN413 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
Examples of timer 0 configurations
AN413
32/45
Doc ID 1875 Rev 2
;
- Falling edge on EXTB
;
- EXTA I/O
;OACR-OBCR:
- No operation
;FLAG:
- reset value
;IDMR:
- IT compare 0
;DCPR:
- 00h
;DAPR:
- 00h
;IVR:
- interrupt vector 10h = T0_IT_VECT
;IDCR:
- priority level 4
;COMP0
spp #T0D_PG ; Timer 0 data register page
ldw T_CMP0R,nb_event_t0 ; COMP0
ld T_TCR,#00111000b ; TCR
ld T_TMR,#00000010b ; TMR
ld T_ICR,#01000010b ; ICR
ld T_PRSR,prescal_t0 ; PRESCALER
ld T_OACR,#11111100b ; OACR
ld T_OBCR,#11111100b ; OBCR
ld T_IDMR,#00000100b ; IDMR
spp #T0C_PG ; Timer 0 control register page
ld T0_DCPR,#0 ; DCPR
ld T0_DAPR,#0 ; DAPR
ld T0_IVR,#T0_IT_VECT ; IVR
ld T0_IDCR,#IT_T0_LEVEL ; IDCR
T0_START_IT
}
;*********************************************************************
proc GEST_T0_DMA{
;Configuration of Timer0 in IT CAPTURE associated to the DMA mode
;the length of DMA is given by lg_dma
;TCR:
- Stop count
;
- no clear
;
- Up count
;TMR:
- disable interrupt
;
- no bivalue mode
;
- no capture
;
- external/internal clock
;
- disable retrigger mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com