Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN437 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN437
Description  RC snubber circuit design for TRIACs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN437 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN437 Datasheet HTML 5Page - STMicroelectronics AN437 Datasheet HTML 6Page - STMicroelectronics AN437 Datasheet HTML 7Page - STMicroelectronics AN437 Datasheet HTML 8Page - STMicroelectronics AN437 Datasheet HTML 9Page - STMicroelectronics AN437 Datasheet HTML 10Page - STMicroelectronics AN437 Datasheet HTML 11Page - STMicroelectronics AN437 Datasheet HTML 12Page - STMicroelectronics AN437 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AN437
How to design snubber circuit for turn-off improvement
9/18
2.2
RC snubber circuit design
2.2.1
Is the snubber circuit required?
Without snubber circuit, the slope of reapplied voltage is limited by the TRIAC capacitance
between anode and cathode junction. The oscillating circuit is constituted by the load, L and
R, and the internal capacitance, CT, of the TRIAC.
For example, the typical internal capacitances of 1 A, 12 A and 24 A TRIACs are
respectively 12 pF, 90 pF and 180 pF (without direct voltage junction polarisation, worst
case). Without snubber circuit and for most part of inductive loads, the damping factor (
ξ) is
generally lower than 1.
For an underdamped oscillating circuit (0
≤ ξ < 1), the voltage variation across the TRIAC
(VT(t)) is:
Equation 7
With damped natural resonance:
Equation 8
For example, in the case of a 26 W drain pump (L = 2.4 H and R = 190
Ω at 50 Hz)
controlled by a Z0103 TRIAC (CT = 12 pF), the damping factor is close to zero (ξ = 2.1 x 10
-
4).
For low damping factor, the normalized voltage rise slope K is equal to 1 (refer to Figure 8,
lower graph). The maximum slope of reapplied voltage across the TRIAC is then:
Equation 9
According to this formula, the estimated dV/dtOFF is equal to 59 V/µs without snubber circuit.
As shown in Figure 9, the measured dV/dtOFF is in fact about 10 V/µs.
The error between the Equation 9 result and real value is due to the fact that we didn’t take
into account the load inductance saturation (real value is higher at low current), the parallel
parasitic capacitor of the load, the recovery current and the load resistance increase with
frequency. Moreover, the turn-off measurement is done with a voltage probe which adds a
12 pF capacitor across the TRIAC. So, the measured dV/dtOFF is always lower than the
theoretical value, given by Equation 9.
t
p
p
0
p
T
0
e
)
t
sin(
)
t
cos(
·
E
E
)
t
(
V
·
·
-
.
·
·
·
·
-
ω
ξ
ω
ω
ω
ξ
ω
+
=
2
0
p
1
ξ
ω
ω
-
.
=
6
)
F
(
T
)
H
(
)
V
(
RMS
)
s
/
V
(
OFF
10
·
C
·
L
)
sin(
V
2
dt
/
dV
-
·
ϕ
µ
·
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com