Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN437 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN437
Description  RC snubber circuit design for TRIACs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN437 Datasheet(HTML) 5 Page - STMicroelectronics

  AN437 Datasheet HTML 1Page - STMicroelectronics AN437 Datasheet HTML 2Page - STMicroelectronics AN437 Datasheet HTML 3Page - STMicroelectronics AN437 Datasheet HTML 4Page - STMicroelectronics AN437 Datasheet HTML 5Page - STMicroelectronics AN437 Datasheet HTML 6Page - STMicroelectronics AN437 Datasheet HTML 7Page - STMicroelectronics AN437 Datasheet HTML 8Page - STMicroelectronics AN437 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AN437
Snubber circuit functions and drawback
5/18
1.3
Immunity to fast voltage transient improvement
Electrical noise may appear on the mains and generates across the TRIAC fast voltage
variations, as described in IEC 61000-4-4 standard.
Fast voltage variations can create a gate current (IG), due to the junction capacitance
between A2 and the gate, and could trigger the TRIAC. The maximum rate of rise of off-
state voltage that a TRIAC is able to withstand without turning on is called the static dV/dt. A
spurious triggering due to static dV/dt is not dangerous for a component. The aim of the
snubber circuit is to reduce the static dV/dt at a lower level than the dV/dt specified in the
datasheet to avoid spurious triggering.
An RC snubber circuit improves the TRIAC immunity against fast voltage transients. For
example, regarding to the standard IEC 61000-4-4, a Z0109 standard TRIAC has a typical
immunity level of about 0.7 kV, without any snubber circuit. With a snubber circuit (1 nF and
47
Ω), the Z0109 immunity level can reach 4.0 kV.
Designers must manage the following trade-off to choose the suitable RC snubber circuit:
●
Reduce dV/dt rates: the snubber capacitance must be high and the snubber resistance
must be low;
●
Reduce dI/dt rate at turn-on (refer to Section 1.4): the snubber capacitance must be low
and the snubber resistance must be high.
1.4
Turn-on stress due to snubber circuit discharge
The snubber circuit design can lead to low resistance value. However, the snubber resistor
reduces the rate of current rise at turn-on (dI/dtON) during the capacitor discharge. An higher
dI/dtON than the dI/dt specified in the datasheet may damage the TRIAC.
The rate of current rise is directly proportional to the initial capacitance voltage and inversely
proportional to the series inductances of the board and the snubber resistor. The rate of
current rise depends also on the turn-on speed of the TRIAC, the triggering quadrants and
the gate current amplitude. So, there is no simple way to predict the rate of current rise.
Usually, the inductance of the circuit layout is very low, in the range of few nH. Indeed, to
optimize the snubber circuit efficiency, the snubber circuit must be located very close to the
TRIAC (tracks length lower than 2 cm).
From datasheet specifications, there are three ranges of maximum dI/dt:
●
dI/dt = 20 A/µs: for low current rating of TRIACs (0.8 A and 1 A).
●
dI/dt = 50 A/µs: for the other TRIACs (4 A up to 40 A).
●
dI/dt = 100 A/µs: for some ACSTs (6 A up to 12 A).
To keep the dI/dtON below 50 A/µs for TRIACs and below 100 A/µs for ACSTs, the snubber
resistance must be typically higher than 47
Ω (refer to Figure 6). For a 20 A/µs maximum
dI/dt, the minimum resistance value is about 620
Ω. Therefore, depending on the component
used, some tests should be performed to define accurately the minimum resistance value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com