Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN437 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN437
Description  RC snubber circuit design for TRIACs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN437 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN437 Datasheet HTML 7Page - STMicroelectronics AN437 Datasheet HTML 8Page - STMicroelectronics AN437 Datasheet HTML 9Page - STMicroelectronics AN437 Datasheet HTML 10Page - STMicroelectronics AN437 Datasheet HTML 11Page - STMicroelectronics AN437 Datasheet HTML 12Page - STMicroelectronics AN437 Datasheet HTML 13Page - STMicroelectronics AN437 Datasheet HTML 14Page - STMicroelectronics AN437 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AN437
How to design snubber circuit for turn-off improvement
11/18
Using Equation 6, the snubber circuit divider ratio M is equal to:
M = 0.77 with R = 190
Ω and RS = 620 Ω
2.
Damping factor definition
The snubber capacitor depends on the undamped natural resonance (
ω0) and the damping
factor (
ξ). Consider the following modified forms of Equation 4 and Equation 3:
Equation 4 modified
Where K is the normalized voltage rise slope (refer to the lower graphic in Figure 8).
Equation 3 modified
From the two previous equations, the ratio between the normalized voltage rise slope (K)
and the damping factor (
ξ) is given by Equation 10. Figure 10, derived from the lower graph
in Figure 8 gives the variation of this ratio with
ξ:
Equation 10
For the drain pump controlled (L = 2.4 H and R = 190
Ω at 50 Hz) and by using Equation 5,
the final voltage value E is:
E = 306 V for VRMS = 230 V and with ϕ ≈ 76°
To avoid spurious triggering with Z0103 TRIAC, the dV/dtOFF is fixed to 2 V/µs (lower than
maximum allowed (dV/dt)c, see Figure 2).
Thus according to Equation 10, the ratio between the normalized voltage rise slope and the
damping factor is equal to 38. Figure 10 gives then the damping factor value (
ξ = 0.026).
Figure 10.
Ratio between normalized voltage rise slope (K = dV/dtOFF / (E x ω0)) and
damping factor (
ξ) according to the damping factor (ξ)
L
1
C
2
0
S
·
=
ω
with
K
E
dt
/
dV
OFF
0
·
=
ω
2
2
S
S
)
R
R
(
L
4
C
ξ
·
+
·
=
E
dt
/
dV
R
R
L
2
K
OFF
S
·
+
·
=
ξ
0.1
1
10
100
0.01
0.1
1
10
K /
ξ
M = 1
M = 0.75
M = 0.5
M = 0.25
M = 0
ξ = 0.026
38
M decreases
M = 1
M = 0.75
M = 0.5
M = 0.25
M = 0
M decreases
Damping factor:
ξ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com