Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN437 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN437
Description  RC snubber circuit design for TRIACs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN437 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN437 Datasheet HTML 9Page - STMicroelectronics AN437 Datasheet HTML 10Page - STMicroelectronics AN437 Datasheet HTML 11Page - STMicroelectronics AN437 Datasheet HTML 12Page - STMicroelectronics AN437 Datasheet HTML 13Page - STMicroelectronics AN437 Datasheet HTML 14Page - STMicroelectronics AN437 Datasheet HTML 15Page - STMicroelectronics AN437 Datasheet HTML 16Page - STMicroelectronics AN437 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AN437
How to design snubber circuit for turn-off improvement
13/18
Equation 11
Figure 12.
Snubber capacitor value and normalized peak voltage (Z = VP/E)
according to the rms load current (assumptions: (dV/dt)OFF =2.0 V/µs
and pure inductive load (worst case))
Note:
For inductive load with rms current higher than 4 A, Snubberless TRIACs are
recommended.
In the case of a 26 W drain pump, the rms load current is 0.3 A in transient operating (worst
case). The corresponding snubber capacitor value is about 10 nF, like defined previously.
The estimated peak voltage is 613 V. The estimated peak voltage is 20% higher than the
measured value due to the RLC model approximations (refer to Section 2.2.1) and because,
in the application, the load is not purely inductive and the peak voltage is limited by the load
resistance.
E
dt
/
dV
R
R
L
2
K
OFF
S
·
+
·
=
ξ
with
f
2
I
V
L
RMS
RMS
·
·
·
=
π
Normalized peak voltage (Z = VP/E)
0
10
20
30
40
50
60
70
80
90
100
110
120
130
0
0.25 0.5 0.75 1
1.25 1.5 1.75 2
2.25 2.5 2.75 3
3.25 3.5 3.75 4
R
S = 620 ohm
R
S = 47 ohm
Load rms current: IRMS (A)
Snubber capacitor value (nF)
1.5
1.55
1.6
1.65
1.7
1.75
1.8
1.85
1.9
1.95
2
0 0.25 0.5 0.75 1 1.25 1.5 1.75 2 2.25 2.5 2.75 3 3.25 3.5 3.75 4
R
S = 620 ohm
R
S = 47 ohm
Load rms current: IRMS (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com