Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN437 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN437
Description  RC snubber circuit design for TRIACs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN437 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN437 Datasheet HTML 8Page - STMicroelectronics AN437 Datasheet HTML 9Page - STMicroelectronics AN437 Datasheet HTML 10Page - STMicroelectronics AN437 Datasheet HTML 11Page - STMicroelectronics AN437 Datasheet HTML 12Page - STMicroelectronics AN437 Datasheet HTML 13Page - STMicroelectronics AN437 Datasheet HTML 14Page - STMicroelectronics AN437 Datasheet HTML 15Page - STMicroelectronics AN437 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
How to design snubber circuit for turn-off improvement
AN437
12/18
3.
Snubber capacitance and overvoltage calculations
The snubber capacitance is given by the modified form of Equation 3:
The peak voltage is given in the upper graphic of Figure 8. A component with a 600 V
capability will be suitable.
VP = 1.92 · E ≈ 607 V with ξ = 0.026.
4.
RC snubber circuit validation
The turn-off and turn-on behaviors must be checked experimentally to validate the designed
RC snubber circuit.
For turn-off commutation, the measured slope of the voltage rise is 1.7 V/µs (Figure 10) and
is very close to the theoretical slope (2 V/µs). The measured peak voltage (520 V) is lower
than the calculated value (607 V) due to the RLC model approximations (refer to
Section 2.2.1).
Figure 11.
Z0103 TRIAC turn-off on inductive load with snubber circuit
(C = 10 nF and R = 620
Ω)
The second method of RC snubber circuit design allows a quicker snubber capacitor choice.
The capacitor is directly chosen from the load rms current (refer to Figure 12). Pure
inductive loads are considered and the slope of the reapplied voltage is fixed to 2 V/µs.
For a given rms load current and according to the snubber resistance used (47
Ω or 620 Ω),
the ratio between the normalized voltage rise slope (K = dV/dtOFF / (E · ω0)) and damping
factor (
ξ) is defined (refer to Equation 11). Then, as in the first snubber design method, the
damping factor is given by Figure 10, the capacitor value by Equation 3 modified and the
peak voltage by the upper graph of Figure 8.
2
2
S
S(nF)
)
R
R
(
L
4
C
x
·
·10
9
+
·
=
9.9 nF with
= 0.026
»x
V
T (100 V/div)
I
T (10 mA/div)
V
Mains (100 V/div)
V
T (100 V/div)
I
T (10 mA/div)
V
Mains (100 V/div)
dV/dt
OFF = 1.7 V/µs
dI/dt
OFF
V
P = 520 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com