Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN437 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN437
Description  RC snubber circuit design for TRIACs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN437 Datasheet(HTML) 4 Page - STMicroelectronics

  AN437 Datasheet HTML 1Page - STMicroelectronics AN437 Datasheet HTML 2Page - STMicroelectronics AN437 Datasheet HTML 3Page - STMicroelectronics AN437 Datasheet HTML 4Page - STMicroelectronics AN437 Datasheet HTML 5Page - STMicroelectronics AN437 Datasheet HTML 6Page - STMicroelectronics AN437 Datasheet HTML 7Page - STMicroelectronics AN437 Datasheet HTML 8Page - STMicroelectronics AN437 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Snubber circuit functions and drawback
AN437
4/18
Figure 4.
Z0103 TRIAC turn-off on inductive load without and with snubber circuit
(C = 10 nF and R = 2.7 k
Ω)
The snubber circuit design, detailed in Section 2: How to design snubber circuit for turn-off
improvement, is a trade-off between the maximum peak off-state voltage under pulse
conditions (VDSM / VRSM), the critical slope of reapplied voltage ((dV/dt)c) and the turn-on
stress (dI/dt). When low load inductances are controlled or, low damping factor or low slope
of reapplied voltage are considered, the snubber circuit design can lead to choose a low
snubber resistance value. To reduce the snubber capacitance discharge at turn-on, the
resistance value is limited to a minimum value (refer to Section 1.4).
1.2
Overvoltage limitation at turn-off
When a TRIAC controls low root-mean-square currents inductive loads, an overvoltage
could occur when the current reaches the holding current (IH) (refer to Figure 5).
If the maximum value of the overvoltage (VM) exceeds the maximum peak off-state voltage
under pulse conditions (VDSM / VRSM), the TRIAC may conduct without any gate current or
may be even damaged. The protections against overvoltage at turn-off are:
●
A clamping strategy - use a varistor or an ACSTM / ACST (refer to AN1172 about
protected AC Switch™).
●
A damping strategy - a snubber circuit. An RC snubber circuit limits the slope of the
voltage rise and could maintain the overvoltage at a lower value than the maximum
allowed value.
Figure 5.
Overvoltage at TRIAC turn-off with and without snubber circuit
(C = 10 nF and R = 2.7 k
Ω)
V
T (100 V/div)
I
T (50 mA/div)
Without
With
snubber
snubber
:dV/dt
OFF
V
T (100 V/div)
I
T (20 mA/div)
Without snubber
With snubber
V
M = 660 V
V
M = 140 V
I
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com